Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DP2N-R

  • AI
    The **DP2N-R** is an electronic component primarily classified as a **Digital Pressure Sensor / Pressure Switch**, manufactured by companies like **Autonics**. It is designed to measure atmospheric or gas pressure and convert that physical data into digital signals and switching outputs. --- ### 1. Key Technical Specifications The DP2N-R is known for its high precision and compact form factor. Below are the typical electronic specifications: | Parameter | Specification | |:---|:---| | **Power Supply** | 12-24VDC ±10% | | **Pressure Type** | Negative Pressure (Vacuum) / Compound Pressure | | **Rated Pressure Range** | 0.0 to -101.3 kPa (Approx.) | | **Control Output** | NPN or PNP Open Collector (depending on model) | | **Output Type** | Dual Output (2 Independent set points) | | **Response Time** | Selectable (2.5ms, 5ms, 100ms, 500ms) | | **Current Consumption** | Max. 50mA | --- ### 2. Core Electronic Components Inside the DP2N-R, several critical parts work together to ensure accuracy and reliability: #### A. Pressure Sensing Element (MEMS) The heart of the device is a Micro-Electro-Mechanical System (MEMS) piezoresistive bridge. When pressure is applied, the silicon diaphragm flexes, changing its electrical resistance. #### B. Signal Conditioning Circuit The raw millivolt signal from the sensor is too small for processing. This section includes: * **Operational Amplifiers (Op-Amps):** To boost the signal. * **Analog-to-Digital Converter (ADC):** To convert the analog voltage into a digital value for the microcontroller. #### C. Microcontroller Unit (MCU) The MCU processes the pressure data, manages the LED display, handles user input (calibration/setpoints), and triggers the output logic. #### D. Output Stage (Transistor Switching) To interface with PLCs or Relays, the device uses: * **Optocouplers:** To provide electrical isolation between the internal logic and the external load. * **Bipolar Junction Transistors (BJT) or MOSFETs:** Acting as the "R" (Output) switch to open or close the circuit based on pressure thresholds. --- ### 3. Wiring Diagram Overview The "R" in the model name usually signifies the specific output configuration (often NPN or PNP logic). ```markdown Brown (+) : 12-24VDC Power Blue (-) : 0V (GND) Black (OUT1): Control Output 1 White (OUT2): Control Output 2 ``` --- ### 4. Applications * **Pneumatic Systems:** Monitoring vacuum suction in pick-and-place robots. * **Leak Testing:** Detecting pressure drops in sealed electronic enclosures. * **Industrial Automation:** Interfacing with PLCs to stop machinery if pressure thresholds are breached.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ How do you calibrate the zero-point on a DP2N-R?
    • ⤷ Can this sensor be used for liquid pressure measurement or only gases?