Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DP3N-R

  • AI
    The **DP3N-R** typically refers to a high-performance **Differential Pressure Transmitter** or a specific series of **Digital Pressure Switches/Sensors**. These components are widely used in industrial automation for monitoring air and liquid pressure. --- ### 1. Key Electronic Components & Architecture The device is composed of several critical electronic sub-systems that allow it to convert physical pressure into a readable digital or analog signal. | Component | Function | | :--- | :--- | | **Sensing Element** | Usually a piezoresistive silicon chip or a ceramic diaphragm that changes resistance when pressure is applied. | | **A/D Converter** | Converts the continuous analog voltage from the sensor into a digital signal for the microprocessor. | | **Microprocessor (MCU)** | The "brain" that handles linear compensation, temperature correction, and display logic. | | **Output Stage** | Electronics that manage the 4-20mA current loop or NPN/PNP transistor switching outputs. | | **LED/LCD Display** | Provides visual feedback of current pressure values and menu settings. | --- ### 2. Technical Specifications While specific brands (like Autonics or Dwyer) may vary slightly, the "DP3N-R" profile generally follows these electronic standards: * **Supply Voltage:** 12-24V DC (Standard industrial power). * **Current Consumption:** Typically < 50mA. * **Output Type:** * **Switching:** 2 NPN or PNP open collector outputs. * **Analog:** 1-5V DC or 4-20mA (depending on specific sub-model). * **Response Time:** Selectable (e.g., 2.5ms, 5ms, 100ms, 500ms) to prevent "chatter" in turbulent systems. --- ### 3. Circuit Wiring Overview The electronic interface usually consists of a 4-pin or 5-pin connector. Below is a standard wiring logic: ```yaml Pin Configuration: - Brown: Power (+) 12-24VDC - Blue: Power (-) 0V / Ground - Black: Control Output 1 (NPN/PNP) - White: Control Output 2 or Analog Output (1-5V) - Orange: Remote Auto-Shift Input (Optional) ``` --- ### 4. Advanced Electronic Features * **Temperature Compensation:** Internal thermistors adjust the output to ensure accuracy even if the ambient temperature fluctuates. * **Hysteresis Mode:** Electronic setting that allows the user to define the "turn-on" and "turn-off" points separately to protect pumps and valves from rapid cycling. * **Zero-Point Adjustment:** Electronic calibration to reset the sensor to zero at atmospheric pressure.
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP outputs in pressure sensors?
    • ⤷ How do I calibrate the zero-point on a DP3N series sensor?
    • ⤷ Can the DP3N-R be used for measuring liquid pressure or is it air-only?