Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DP40-R4

  • AI
    The **DP40-R4** is a high-precision digital pressure sensor/switch, typically manufactured by companies like **Azbil (formerly Yamatake)** or similar industrial automation brands. It is designed to monitor gas pressure and provide both visual feedback and electrical signals for process control. --- ## 1. Core Electronic Components and Architecture The DP40-R4 functions through a combination of sensing elements, signal processing, and output stages. ### A. Sensing Element (Pressure Transducer) * **Piezoresistive Bridge:** At its heart is a silicon-based diaphragm with embedded resistors. When pressure is applied, the diaphragm deforms, changing the electrical resistance (the piezoresistive effect). * **Media Compatibility:** Usually designed for non-corrosive gases and dry air. ### B. Signal Conditioning Unit * **ADC (Analog-to-Digital Converter):** Converts the small millivolt signal from the sensor into a digital format. * **Microprocessor (MCU):** Processes the data, applies temperature compensation, and handles the user-defined setpoints (hysteresis, window comparators). ### C. Display and User Interface * **LED Display:** A 3.5 or 4-digit red LED display shows the current pressure value. * **Status Indicators:** Small LEDs (usually "OUT1" and "OUT2") indicate the state of the digital outputs. --- ## 2. Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Supply Voltage** | 12 to 24 V DC (typically ±10% ripple) | | **Current Consumption** | ≤ 40 mA | | **Output Type** | Dual NPN or PNP Open Collector (model dependent) | | **Max Load Current** | 100 mA per output | | **Response Time** | ≤ 2.5 ms (adjustable for noise filtering) | | **Pressure Range** | Depends on specific sub-model (e.g., -101 to 101 kPa) | --- ## 3. Input/Output Wiring Configuration The "R4" designation often refers to the specific output configuration (Relay or specific Transistor arrangement). Most industrial digital sensors follow a standard color code for their electronic leads: ```yaml Wiring Map: Brown: V+ (Positive Power Supply 12-24V) Blue: 0V (GND / Common) Black: Output 1 (Primary Switch) White: Output 2 (Secondary Switch or Analog Output) ``` --- ## 4. Key Electronic Features 1. **Hysteresis Mode:** Allows the user to set a "buffer" zone to prevent the electronics from "chattering" (rapidly switching on/off) when the pressure is near the setpoint. 2. **Auto-Zero Adjustment:** An electronic calibration feature that resets the display to zero at atmospheric pressure via the keypad. 3. **Key Lock:** An electronic lockout to prevent unauthorized changes to the internal logic parameters. 4. **Short-Circuit Protection:** Built-in protection to prevent the internal transistors from burning out if the output is wired incorrectly or overloaded.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of the DP40 series?
    • ⤷ How do you calibrate the zero-point on a DP40-R4?
    • ⤷ Can the DP40-R4 be used for liquid pressure sensing
    • ⤷ or is it gas only?