Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DPF20-R1

  • AI
    The **DPF20-R1** is a high-performance, programmable digital pressure sensor/switch, typically used in industrial automation for monitoring air and non-corrosive gas pressures. ### Core Electronic Components and Features | Component/Feature | Technical Specification | | :--- | :--- | | **Sensing Element** | Piezoresistive silicon pressure sensor | | **Input Voltage** | 12 to 24V DC (±10% ripple) | | **Output Type** | Dual NPN or PNP Open Collector + Analog (1-5V or 4-20mA) | | **Display Type** | 3.5 digit, 2-color (Red/Green) LCD/LED display | | **Pressure Range** | Generally -101.3 to 101.3 kPa (Vacuum to Gauge) | | **Response Time** | Selectable (e.g., 2.5ms, 5ms, 100ms, 500ms) | --- ### Key Electronic Functions #### 1. Signal Conditioning Circuitry The internal circuitry converts the analog voltage produced by the piezoresistive element into a digital signal. It includes a high-speed **Analog-to-Digital Converter (ADC)** to ensure precision and a **Microcontroller (MCU)** to process the logic for switching points. #### 2. Dual Output System The DPF20-R1 features a versatile output configuration: * **Switching Outputs:** Two independent digital outputs that can be programmed as "Normally Open" or "Normally Closed." * **Analog Output:** Provides a continuous signal proportional to the pressure, useful for PLC data logging or PID control loops. #### 3. Protection Circuitry To ensure longevity in industrial environments, the electronics include: * **Short-Circuit Protection:** Prevents damage if the output wires are crossed. * **Reverse Polarity Protection:** Protects the internal PCB if the DC power supply is connected backward. * **Noise Filtering:** Capacitors and inductors are used to minimize Electromagnetic Interference (EMI). --- ### Wiring Diagram (Typical Configuration) ```text [ Brown ] ------------ (+) 12-24V DC [ Black ] ------------ Output 1 (NPN/PNP) [ White ] ------------ Output 2 (NPN/PNP) / Analog Out [ Blue ] ------------ (-) 0V / Common ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP wiring versions for this sensor?
    • ⤷ How do you calibrate the zero-point on the DPF20-R1?
    • ⤷ Can the DPF20-R1 be used with liquids
    • ⤷ or is it strictly for gases?