Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DPN-R

  • AI
    The term **DPN-R** typically refers to a specialized type of circuit breaker configuration, specifically a **Residual Current Breaker with Overcurrent Protection (RCBO)** in a compact, 1P+N (Single Pole + Neutral) format. In electrical engineering, "DPN" stands for *Dispositif Phase-Neutre* (Phase-Neutral Device). The "R" signifies the *Residual* (Earth Leakage) protection component. --- ### 1. Internal Electronic & Mechanical Components A DPN-R unit integrates three primary protection mechanisms into one small module: | Component | Function | Protection Type | | :--- | :--- | :--- | | **Bimetallic Strip** | Deforms under heat to trip the breaker during sustained overloads. | Thermal (Overload) | | **Magnetic Coil (Solenoid)** | Uses electromagnetic force to trip instantly during a short circuit. | Magnetic (Short Circuit) | | **Toroidal Transformer** | Monitors the balance of current between Phase and Neutral. | Residual (Leakage) | | **Electronic Trip PCB** | Processes signals from the toroid to trigger the trip mechanism if a leakage is detected. | Earth Fault | | **Arc Chute** | Quenches the electric arc generated when contacts open under load. | Safety/Longevity | --- ### 2. Technical Specifications Most DPN-R devices follow standard industrial specifications: * **Poles:** 1P+N (Protects the phase, switches the neutral). * **Sensitivity ($I\Delta n$):** Usually 30mA (for life safety) or 300mA (for fire protection). * **Tripping Curves:** * *Type B:* Fast trip (3-5x In). * *Type C:* Standard (5-10x In) for general loads. * **Breaking Capacity:** Commonly 4.5kA or 6kA. --- ### 3. Wiring Diagram Concept The DPN-R is designed to save space in a distribution board. Unlike traditional wide RCBOs, the DPN-R fits into a single 18mm slot. ```mermaid graph TD Line_In(Phase In) --> Magnetic_Trip[Magnetic Trip] Magnetic_Trip --> Thermal_Trip[Thermal Trip] Thermal_Trip --> Toroid((Toroid Sensor)) Neutral_In --> Toroid Toroid --> Load[Output to Load] Toroid -.->|Signal| Logic[Electronic Control Board] Logic -.->|Trigger| Mechanical_Latch[Mechanical Latch] ``` --- ### 4. Key Advantages 1. **Space Efficiency:** Occupies the same width as a standard MCB but provides full RCBO protection. 2. **Safety:** Disconnects both Phase and Neutral in the event of a fault, ensuring the circuit is completely dead. 3. **Individual Protection:** If one circuit has an earth leak, only that DPN-R trips, leaving the rest of the building's power active. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a DPN-R and a standard RCCB?
    • ⤷ How do I choose between Type B and Type C tripping curves for a DPN-R?
    • ⤷ Can a DPN-R be used in a 3-phase electrical system?