Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR1050

  • AI
    The **DR1050** (commonly known as the Jodel D1050 "Ambassadeur" or "Sicile") is a vintage light aircraft. In the context of "electronic parts," it is important to distinguish between the original 1960s analog systems and modern "glass cockpit" retrofits common in these aircraft today. --- ### 1. Core Electrical System The electrical architecture of a DR1050 is typically a simple 12V or 14V DC system. | Component | Description | Function | | :--- | :--- | :--- | | **Generator/Alternator** | Usually engine-driven (Continental O-200). | Provides power to the bus and charges the battery. | | **Lead-Acid Battery** | 12V Battery, usually located in the fuselage. | Provides cranking power for the starter and emergency backup. | | **Voltage Regulator** | Analog or Solid-state device. | Prevents overcharging and stabilizes voltage for sensitive radio gear. | | **Magnetos** | Dual Bendix or Slick Magnetos. | **Crucial:** These are self-contained and do not require battery power to run the engine. | --- ### 2. Avionics & Navigation Most DR1050s have been upgraded from their original vacuum-driven instruments to modern electronic parts to meet EASA/FAA airspace requirements. * **Communication (COM):** 8.33 kHz VHF Radios (e.g., Garmin GTR 225 or Trig TY96). * **Transponder:** Mode S transponders (e.g., Trig TT21) are now standard for flying in controlled airspace. * **Engine Monitoring (EMS):** Modern retrofits often include digital gauges for Oil Pressure, CHT (Cylinder Head Temperature), and EGT (Exhaust Gas Temp). * **Navigation:** While the original used basic VOR, many now use GPS-based tablets (iPad with ForeFlight) or panel-mounted units. --- ### 3. Wiring and Protection The wiring in a DR1050 is often a point of maintenance due to the wooden airframe construction. ```yaml Electrical_Safety: Circuit_Breakers: Replaced old fuses in modern refits to allow inflight resetting. Master_Switch: A split-rocker switch separating Battery and Alternator fields. Grounding: Since the airframe is wood, all components must be grounded via a dedicated copper "ground bus" wire rather than the frame itself. ``` --- ### 4. Lighting Components * **Navigation Lights:** Red (Left), Green (Right), and White (Tail) LEDs are common upgrades to reduce current draw. * **Strobe Lights:** High-voltage xenon or modern LED pulse systems. * **Landing Light:** Usually a single high-intensity bulb located in the leading edge or cowl. ---
    ✨ Follow-up Questions
    • ⤷ How does the wooden airframe of the DR1050 affect the installation of radio antennas?
    • ⤷ What are the specific requirements for upgrading a DR1050 to an 8.33 kHz radio?
    • ⤷ Can a DR1050 be equipped with a full glass cockpit like the Garmin G5?