DR1050-101-R
AI

The **DR1050-101-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the DR series, designed specifically for high-density applications requiring low electromagnetic interference (EMI).
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Property | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.250 Ohms (Typical) |
| **Rated Current (Irms)** | 1.35 Amps |
| **Saturation Current (Isat)** | 1.55 Amps |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Features
* **Magnetically Shielded:** The drum core is enclosed in a ferrite sleeve, which minimizes EMI and prevents the inductor from interfering with nearby sensitive components.
* **High Power Density:** Designed to provide high inductance and current handling in a relatively small footprint ($10.3 \times 10.5 \times 5.0$ mm).
* **Ferrite Core Material:** Ensures low core losses and high efficiency in power conversion.
* **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental regulations.
---
### 3. Common Applications
This inductor is typically used in power management circuits where voltage needs to be stepped up or down.
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Computer Peripherals:** Used in laptops, servers, and storage drives.
* **Industrial Electronics:** Power supplies for sensors and control systems.
* **Consumer Electronics:** LED drivers and portable battery-powered devices.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
1. **DR:** Product Series (Drum Core, Shielded).
2. **1050:** Physical dimensions (approx. 10mm width, 5.0mm height).
3. **101:** Inductance code (10 + one zero = 100µH).
4. **R:** RoHS compliant.
- ⤷
How does the saturation current (Isat) affect the performance of this inductor in a circuit?
- ⤷ What are the recommended footprint dimensions for soldering the DR1050 series?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?