Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10A

  • AI
    The **DR10A** refers to a high-performance **Brushless Electronic Speed Controller (ESC)** designed specifically for 1/10 scale drag racing RC cars. It is part of the Reedy/Associated Electronics ecosystem, engineered to handle the extreme power bursts required for short-distance acceleration. --- ### Core Electronic Components The DR10A ESC is comprised of several critical electronic modules that allow it to convert battery power into precise motor movement: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **MOSFETs** | Power Switching | High-current Metal-Oxide-Semiconductor Field-Effect Transistors that switch power to the motor phases. | | **Microprocessor** | Logic & Timing | A 32-bit MCU that processes throttle input and calculates motor timing (boost/turbo). | | **BEC** | Voltage Regulation | The "Battery Eliminator Circuit" steps down main battery voltage (e.g., 7.4V) to 6.0V-7.4V for the steering servo and receiver. | | **Capacitor Bank** | Voltage Smoothing | External high-capacity capacitors that prevent voltage ripples and protect the ESC from spikes during hard launches. | --- ### Key Technical Specifications The internal circuitry is optimized for 2S LiPo operation, which is the standard for SC (Short Course) based drag racing. * **Continuous Current:** Typically rated around 100A - 120A (depending on the specific OEM version). * **Voltage Range:** 2S LiPo (7.4V - 8.4V). * **Motor Type:** Sensored Brushless (Uses a 6-pin harness to track rotor position for smooth starts). * **Thermal Protection:** Internal thermistors shut down the unit if temperatures exceed safe limits (usually 105°C). --- ### Advanced Electronic Features The DR10A firmware includes specific electronic logic gates for racing: 1. **Electronic Brake Control:** Allows for adjustable "Drag Brake" and "Brake Strength" to stop the car quickly after a pass. 2. **Boost and Turbo Timing:** Electronic advances that increase the motor's RPM electronically beyond its physical limits during the top end of the track. 3. **Punch Control (Current Limiting):** A software-level limiter that prevents the tires from spinning by controlling how fast the current reaches the motor. --- ### Connection Diagram ```mermaid graph LR A[Battery 2S LiPo] -->|DC Power| B[DR10A ESC] B -->|3-Phase AC| C[Brushless Motor] B -->|Sensor Wire| C B -->|PWM Signal| D[Receiver] B -->|BEC Power| E[Steering Servo] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the DR10A ESC?
    • ⤷ How do I program the boost and turbo timing on a DR10A?
    • ⤷ What capacitor upgrades are recommended for drag racing ESCs?