Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10D12

  • AI
    Based on the technical nomenclature commonly used in power electronics, the **DR10D12** typically refers to a **Solid State Relay (SSR)**, often manufactured by brands like Crydom (now part of Sensata). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Device Overview The DR10D12 is a DIN-rail mounted Solid State Relay designed to switch DC loads using a DC control signal. Unlike mechanical relays, it uses semiconductor switching (MOSFETs), meaning it has no moving parts, leading to a much longer lifespan and faster switching speeds. --- ### 2. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Load Voltage Range** | 1 - 100 VDC | The range of voltage the output can switch. | | **Load Current** | 12 Amps | Maximum continuous current the device can handle. | | **Control Voltage** | 4 - 32 VDC | The input signal required to "turn on" the relay. | | **Switching Type** | DC Switching | Designed specifically for Direct Current loads. | | **Output Type** | MOSFET | Provides low "on-resistance" for efficiency. | | **Mounting Type** | DIN Rail | Standard industrial rail mounting. | --- ### 3. Key Electronic Components & Features * **Optical Isolation:** The input (control side) and output (load side) are separated by an optocoupler. This protects the sensitive PLC or microcontroller from high-voltage spikes on the load side (typically up to 2.5kV isolation). * **MOSFET Output:** It utilizes a power MOSFET as the primary switching element. This ensures a low voltage drop across the terminal when "On," minimizing heat generation. * **LED Indicator:** Most models include a visual LED status indicator to show when the control signal is active. * **Built-in Protection:** It often includes internal over-voltage protection to prevent damage from inductive back-EMF (flyback) when switching motors or solenoids. --- ### 4. Wiring Diagram Concept To operate the DR10D12, the wiring is generally split into two distinct circuits: ```text CONTROL SIDE (Input) LOAD SIDE (Output) [ Terminal 3 (+) ] <--- DC+ [ Terminal 1 (+) ] <--- Power Supply (+) [ Terminal 4 (-) ] <--- DC- [ Terminal 2 (-) ] <--- Load (Motor/Lamp) ``` ### 5. Advantages over Mechanical Relays 1. **High Frequency:** Can be switched on and off thousands of times per second (PWM compatible). 2. **Quiet Operation:** No audible "click" during operation. 3. **Durability:** No contact pitting or arcing, making it ideal for hazardous environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation of the DR10D12 at full load?
    • ⤷ Does this model require an external heat sink for 12A operation?
    • ⤷ Can the DR10D12 be used to switch an AC load?