Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10D12X

  • AI
    The **DR10D12X** is an integrated circuit (IC) primarily used as a **non-isolated buck converter (Step-Down) power management chip**. It is widely found in consumer electronics, small appliances, and IoT devices due to its high efficiency and minimal external component requirements. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the DR10D12X series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Input Voltage (V_in)** | AC or High DC Input | 85V - 265V AC | | **Output Voltage (V_out)** | Regulated DC Output | 12V DC | | **Output Current (I_out)** | Maximum continuous current | 150mA - 250mA (varies by design) | | **Switching Frequency** | Internal Oscillator | ~30 kHz - 60 kHz | | **Package Type** | SMT/DIP | SOP-8 / DIP-7/8 | --- ### 2. Functional Components The IC integrates several critical electronic sections into a single package: 1. **Power MOSFET:** An internal high-voltage power transistor that handles the switching of the input voltage. 2. **Controller Core:** Manages Pulse Width Modulation (PWM) or Pulse Frequency Modulation (PFM) to maintain a steady 12V output. 3. **Startup Circuit:** High-voltage startup circuitry that allows the chip to power itself directly from the rectified AC line. 4. **Protection Suite:** * **OTP:** Over Temperature Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. --- ### 3. Application Circuit Components To function as a complete power supply, the DR10D12X requires a few external "passive" parts: * **Input Rectifier:** Usually a bridge rectifier or a single diode (1N4007) to convert AC to DC. * **Filter Capacitors:** Electrolytic capacitors to smooth out the ripple (typically 4.7µF to 10µF at 400V for input). * **Power Inductor:** A crucial component (usually 1mH to 2.2mH) that stores energy during the switching cycle. * **Freewheeling Diode:** An ultra-fast recovery diode (like US1M or RS1M) to provide a path for the inductor current when the internal switch is off. --- ### 4. Typical Use Cases * **Smart Home:** Powering Wi-Fi/Zigbee modules in smart switches. * **Small Appliances:** Control boards for coffee makers, fans, or toasters. * **LED Drivers:** Small non-isolated LED power stages. * **Standby Power:** Auxiliary power supplies for larger industrial equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DR10D12X and a standard linear regulator?
    • ⤷ Can you provide a basic wiring diagram for this IC?
    • ⤷ What are the common failure modes of the DR10D12X in circuit boards?