Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10E03XR

  • AI
    The **DR10E03XR** is a high-performance, ultra-low capacitance Transient Voltage Suppressor (TVS) diode array. It is specifically designed to protect high-speed data interfaces from Electrostatic Discharge (ESD). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | TVS Diode Array (ESD Protection) | | **Number of Channels** | 1 Channel (Single Line) | | **Reverse Standoff Voltage ($V_{RWM}$)** | 3.3V to 5.0V (typically) | | **Input Capacitance ($C_j$)** | ~0.05pF to 0.1pF (Ultra-low) | | **Package Type** | DFN0603 (0201 equivalent) | | **Standard Compliance** | IEC 61000-4-2 (ESD) | --- ### 2. Functional Characteristics #### A. Ultra-Low Capacitance The standout feature of the DR10E03XR is its extremely low parasitic capacitance. In electronic circuits, high capacitance can distort high-frequency signals. This part is engineered to maintain signal integrity at data rates exceeding **10 Gbps**. #### B. Bi-directional Protection As a bi-directional device, it can clamp both positive and negative ESD strikes. This makes it versatile for lines where the signal swings above and below ground or where the polarity is not strictly fixed. #### C. Miniature Form Factor The **DFN0603 (0201)** package is incredibly small (0.6mm x 0.3mm), making it ideal for space-constrained designs like smartphones, wearables, and high-density PCB layouts. --- ### 3. Common Applications The DR10E03XR is typically placed near the physical connector of a device to intercept ESD before it reaches sensitive SoCs (System on Chips). * **USB 3.0 / 3.1 / 4.0:** Protecting SuperSpeed data lines. * **HDMI 2.0 / 2.1:** High-definition video interfaces. * **DisplayPort:** Digital display interfaces. * **Antenna Circuits:** Protecting RF front-ends from static without detuning the antenna. --- ### 4. Circuit Implementation To implement this part, it is connected in parallel with the signal line: 1. **Pin 1:** Connected to the High-Speed Data Line. 2. **Pin 2:** Connected to the System Ground (GND). ```markdown [ Data Line ] ----------- [ Pin 1 ] | [ DR10E03XR ] | [ Ground ] -------------- [ Pin 2 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum ESD voltage rating for the DR10E03XR according to IEC 61000-4-2?
    • ⤷ How does its capacitance compare to standard TVS diodes like the SMF05?
    • ⤷ What are the recommended soldering temperature profiles for the DFN0603 package?