Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10E06

  • AI
    The **DR10E06** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array**, specifically designed to provide Electrostatic Discharge (ESD) protection for high-speed data interfaces. It is commonly used in consumer electronics to safeguard sensitive integrated circuits from voltage spikes. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the DR10E06: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Reverse Stand-off Voltage** | $V_{RWM}$ | 5.0 V | | **Breakdown Voltage** | $V_{BR}$ | 6.0 V (Min) | | **Clamping Voltage** | $V_C$ | < 15 V (at 1A) | | **Peak Pulse Current** | $I_{PP}$ | 4.0 A - 5.0 A | | **Junction Capacitance** | $C_J$ | 0.4 pF - 0.6 pF | | **Number of Channels** | - | 4 (typically) | --- ### 2. Functional Components & Design The DR10E06 is engineered with specific electronic structures to handle rapid transients: * **Low Capacitance Architecture:** The most critical feature is its ultra-low capacitance (sub-1pF). This ensures that the high-frequency signals of data lines (like USB 3.0 or HDMI) are not distorted or attenuated. * **Steering Diodes:** It uses an internal configuration of "steering" diodes that direct the ESD pulse away from the protected IC and toward the ground or power supply rail. * **Snap-back Technology:** Many devices in this series utilize snap-back characteristics to provide a low clamping voltage, ensuring the protected component sees minimal stress during an event. --- ### 3. Common Applications Due to its low signal interference and high protection rating, it is found in the following electronic parts: 1. **High-Speed Data Ports:** USB 2.0/3.0, HDMI 1.4/2.0, and DisplayPort. 2. **Mobile Devices:** Smartphones and tablets for protecting SIM card slots and charging ports. 3. **Computing:** Laptops and desktops for protecting Ethernet (LAN) ports and VGA outputs. 4. **Consumer Electronics:** Set-top boxes and digital cameras. --- ### 4. Package and Pinout The DR10E06 is typically housed in a small, surface-mount package to save PCB real estate: * **Package Type:** DFN-10L or SOT-23-6L (depending on the specific manufacturer variant). * **Layout Tip:** To be effective, the DR10E06 should be placed as close as possible to the physical connector to "choke" the ESD pulse before it enters the main circuit board.
    ✨ Follow-up Questions
    • ⤷ What is the difference between clamping voltage and breakdown voltage in this device?
    • ⤷ How does the 0.5pF capacitance affect high-speed signal integrity?
    • ⤷ Can the DR10E06 be used for 12V power rail protection?