Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DR10G

  • AI
    The **DR10G** typically refers to a high-performance **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits due to their high power density and shielded construction. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "DR" series is known for its drum-core construction with a ferrite shield. The specific attributes of a DR10G component generally follow these parameters: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Inductance Range** | The amount of magnetic energy stored | 0.33µH to 1000µH | | **Current Rating (Isat)** | Current at which inductance drops | Up to 20A+ (depending on µH) | | **DCR (Direct Current Resistance)** | Internal resistance of the wire | Very low (mΩ range) | | **Operating Temperature** | Thermal range for stable operation | -40°C to +125°C | | **Shielding** | Type of EMI protection | Magnetically Shielded | --- ## 2. Key Electronic Features ### A. Magnetically Shielded Design The DR10G is designed with a ferrite sleeve or coating that encloses the winding. * **Benefit:** This minimizes **Electromagnetic Interference (EMI)**, preventing the inductor from affecting nearby sensitive components on the PCB. ### B. High Saturation Current ($I_{sat}$) The core material is engineered to handle high peak currents without "saturating" (losing its inductive properties). This is critical for maintaining stability during power spikes. ### C. Low DCR By using thicker copper windings, the internal resistance is kept minimal. * **Result:** Higher efficiency and reduced heat generation (Power Loss = $I^2 \times R$). --- ## 3. Typical Applications The DR10G is a "workhorse" component in DC-DC conversion. Common use cases include: 1. **Buck/Boost Converters:** Stepping voltage up or down in laptops and servers. 2. **LED Drivers:** Providing constant current for high-brightness lighting. 3. **Voltage Regulator Modules (VRM):** Supplying clean power to CPUs and GPUs. 4. **Automotive Electronics:** Used in infotainment and ADAS systems due to high-temperature stability. --- ## 4. Visual Identification (SMD Footprint) The DR10G follows a standard circular or square-profile SMD footprint. ```text [____10mm____] +------------+ ^ | ( 101 ) | | 10mm | | | +------------+ v (Bottom Pads) ``` *Note: The "10" in DR10G usually refers to the base dimension (approx. 10.3mm to 10.5mm).*
    ✨ Follow-up Questions
    • ⤷ How do I calculate the ripple current for a DR10G inductor?
    • ⤷ What are the main differences between shielded and unshielded inductors?
    • ⤷ Can I substitute a DR10G with a DR12 series inductor?