Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DRS-D-R/E2

  • AI
    The **DRS-D-R/E2** is a high-precision digital flowmeter and monitoring system commonly used in industrial automation for liquid flow measurement. It operates on the **Vane Wheel (Turbine)** principle and converts mechanical rotation into electrical signals. --- ### 1. Core Electronic Components The electronic architecture of the DRS-D-R/E2 is designed to translate the physical rotation of a turbine into a stabilized industrial output. | Component | Description | | :--- | :--- | | **Hall Effect Sensor** | Detects the magnetic poles of the rotating vane wheel. It converts the mechanical RPM into a frequency signal. | | **Signal Converter** | An integrated circuit that filters and amplifies the raw pulses from the sensor to prevent noise interference. | | **Output Stage** | Typically features an NPN or PNP transistor output (Open Collector) or a 4-20 mA analog converter. | | **LED Indicators** | Most models include a green LED for power supply status and a yellow LED that flashes proportional to the flow rate. | --- ### 2. Technical Specifications (Electrical) The following table outlines the typical electronic operating parameters for this series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($U_B$)** | 24 VDC ± 20% | | **Current Consumption** | Max. 40 - 60 mA | | **Pulse Output** | Push-Pull, NPN, or PNP (model dependent) | | **Analog Output** | 4-20 mA (3-wire configuration) | | **Electrical Connection** | M12x1 Plug (4-pin) or Cable connection | | **Protection Class** | IP 65 (Dust tight and protected against water jets) | --- ### 3. Wiring Configuration The device usually utilizes a standard industrial M12 connector. The electronic pinout is generally structured as follows: ```text Pin 1: +24 VDC (Brown) Pin 2: Analog Output 4-20 mA (White) - [If equipped] Pin 3: GND / 0V (Blue) Pin 4: Pulse Output / Switching Signal (Black) ``` --- ### 4. Working Principle 1. **Detection:** As fluid flows, the vane wheel rotates. Magnets embedded in the vanes pass the **Hall Sensor**. 2. **Frequency Generation:** The sensor generates a pulse frequency ($f$) directly proportional to the flow velocity ($v$). 3. **Processing:** The internal electronics (the **E2** module) convert this frequency into either a scaled pulse output or a linearized 4-20 mA current loop. 4. **Calibration:** The electronics are pre-calibrated for a specific "K-factor," which defines how many pulses represent one liter of fluid.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the K-factor on the DRS-D-R/E2?
    • ⤷ What are the common failure modes for the Hall sensor in this unit?
    • ⤷ Can the E2 output be configured for bi-directional flow measurement?