Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DS-BBB-R

  • AI
    The **DS-BBB-R** (often associated with the DreamSourceLab line) is a specialized breakout board designed specifically for the **BeagleBone Black (BBB)**. It acts as an interface bridge, typically used to connect the BeagleBone Black to high-speed data acquisition modules or logic analyzer front-ends (like the DSLogic series). --- ### 1. Core Technical Specifications The board functions primarily as a hardware adapter to route the high-speed expansion headers of the BeagleBone Black to a standardized interface. | Feature | Specification | | :--- | :--- | | **Compatibility** | BeagleBone Black (Rev C and similar) | | **Interface Type** | 2x40 pin Expansion Headers (P8/P9) | | **Connectivity** | High-density connector for DSLogic/DSCope | | **Signal Level** | 3.3V LVCMOS (Native to BBB) | | **Form Factor** | Cape-style plug-in board | --- ### 2. Key Electronic Components While the board is primarily a routing interface, it contains several critical electronic segments to ensure signal integrity: #### A. Expansion Connectors (P8 & P9) The board features female headers that mate directly with the BeagleBone Black’s P8 and P9 headers. This allows the board to access: * **GPMC (General Purpose Memory Controller):** Used for high-speed parallel data transfer. * **GPIOs:** For control signals and triggering. * **Power Rails:** Drawing 5V and 3.3V from the BBB. #### B. High-Density Output Port Instead of standard jumper wires, the DS-BBB-R uses a high-density connector. This is designed to minimize **crosstalk** and **signal reflection**, which are critical when performing logic analysis at high sample rates (e.g., 100MHz+). #### C. Passive Filtering You will typically find SMD (Surface Mount Device) decoupling capacitors near the power pins. These: * Reduce power supply noise. * Stabilize the voltage during high-speed switching of the data pins. --- ### 3. Functional Purpose The "R" in the suffix often denotes its role in a **Receiver** or **Routing** capacity. Its primary electronic roles are: 1. **Level Protection:** Ensuring that signals from external logic probes don't exceed the 3.3V threshold of the AM335x processor on the BBB. 2. **Impedance Matching:** The PCB traces are often length-matched to ensure that data bits arriving from an external source reach the BeagleBone processor at the exact same time (minimizing "skew"). 3. **Hardware Extension:** It turns the BeagleBone Black into a portable, Linux-based logic analyzer or oscilloscope when paired with the appropriate software (like DSView). --- ### 4. Pin Mapping Overview The board redirects the following primary groups from the BBB: | Signal Group | Function | | :--- | :--- | | **Data [0:15]** | 16-bit parallel data bus for high-speed capture. | | **CLK** | External clock input for synchronous sampling. | | **TRIG** | External trigger input/output to sync with other lab equipment. | | **GND** | Multiple ground pins to provide a clean return path for high-frequency signals. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling rate supported by the DS-BBB-R interface?
    • ⤷ Does this board require an external power supply or does it draw from the BeagleBone?
    • ⤷ Which software is used to visualize data captured through the DS-BBB-R?