Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DS-E1-R

  • AI
    Based on technical specifications, the **DS-E1-R** typically refers to a specific type of **Single-Mode Fiber Optic SFP (Small Form-factor Pluggable) Transceiver module**, often utilized in networking hardware like switches and routers. Below is an explanation of its electronic components and functional architecture. --- ### 1. Key Technical Specifications The DS-E1-R is designed for high-speed data transmission over long distances. | Feature | Specification | | :--- | :--- | | **Connector Type** | LC Duplex | | **Data Rate** | Up to 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | 1310 nm | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Max Distance** | 10 km to 20 km (Standard) | | **Voltage Supply** | 3.3V | --- ### 2. Core Electronic Components The internal PCB (Printed Circuit Board) of the DS-E1-R consists of several critical sub-systems: #### A. The Optical Transmitter (TOSA) * **Laser Diode:** Usually a Fabry-Perot (FP) or DFB laser that converts electrical signals into light pulses. * **Laser Driver IC:** This chip manages the current supplied to the laser diode to ensure stable optical output and modulation. #### B. The Optical Receiver (ROSA) * **Photodiode:** A PIN or APD (Avalanche Photodiode) that detects incoming light and converts it back into a weak electrical current. * **Trans-Impedance Amplifier (TIA):** Converts the weak current from the photodiode into a differential voltage signal for the host system. #### C. Control and Monitoring (DDM/DOM) Most "R" designated modules support **Digital Diagnostics Monitoring (DDM)**. * **MCU (Microcontroller):** Manages the I2C interface and monitors real-time parameters such as temperature, supply voltage, laser bias current, and optical power. * **EEPROM:** A non-volatile memory chip that stores the module’s identification, vendor information, and serial number. --- ### 3. Electrical Interface The module connects to the host device (switch) via a **20-pin gold finger connector**. ```python # Simplified Logic of SFP Pins 1. VeeT/VeeR # Ground connections 2. TX_Fault # Indicates laser failure 3. TX_Disable # Turns off the transmitter 4. SDA/SCL # I2C Serial interface for DDM data 5. Rate_Select# Logic to control bandwidth ``` --- ### 4. Application Context The DS-E1-R is commonly used in: * **Enterprise Networking:** Connecting core switches to distribution layers. * **FTTx:** Fiber to the x (Home, Curb, Building) infrastructure. * **Data Centers:** High-speed interconnects between racks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Mode and Multi-Mode SFPs?
    • ⤷ How do I troubleshoot a 'TX_Fault' error on a DS-E1-R module?
    • ⤷ What is the importance of DDM (Digital Diagnostics Monitoring) in fiber optics?