Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DS2129SSLASHT

  • AI
    The **DS2129S/T&R** is a high-speed, high-performance Electronic Inductor specifically designed for use in T1/E1 and ISDN applications. It is manufactured by Maxim Integrated (now part of Analog Devices). Below is a detailed breakdown of its specifications, functionality, and technical characteristics. --- ## 1. Core Technical Specifications The DS2129 is designed to replace traditional wire-wound inductors in line interface circuits, providing a more compact and precise solution. | Parameter | Specification | | :--- | :--- | | **Component Type** | Electronic Inductor / Active Filter | | **Package Type** | 8-pin SOIC (Small Outline Integrated Circuit) | | **Supply Voltage (Vcc)** | 4.75V to 5.25V | | **Operating Current** | 4.0 mA (Typical) | | **Temperature Range** | 0°C to +70°C (Standard) | | **Mounting Type** | Surface Mount (SMD) | | **Packaging** | Tape & Reel (indicated by the "T&R" suffix) | --- ## 2. Key Functional Features The DS2129 acts as a "synthetic" inductor. Its primary purpose is to provide a high DC impedance while maintaining specific AC characteristics required for telecommunications. ### High Precision Impedance Unlike physical inductors which have wide tolerances and physical bulk, the DS2129 uses active circuitry to mimic inductance. This allows for: * Better consistency in line matching. * Reduced board space (replaces bulky magnetic components). ### Power Supply Rejection It is highly effective at filtering noise from the power supply, which is critical in sensitive T1/E1 communication lines where signal integrity is paramount. ### Integrated Protection The chip includes internal protection mechanisms to handle transient voltages often found in telecommunication environments. --- ## 3. Pin Configuration (8-Pin SOIC) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **TIP** | Connects to the T1/E1 Line (Tip) | | 2, 3, 6, 7 | **N.C.** | No Internal Connection | | 4 | **GND** | Ground | | 5 | **Vcc** | +5V Power Supply | | 8 | **RING** | Connects to the T1/E1 Line (Ring) | --- ## 4. Typical Applications The DS2129 is primarily found in legacy and specialized telecommunications infrastructure: 1. **T1/E1 Line Interfaces:** Used in CSU (Channel Service Units) and DSU (Data Service Units). 2. **ISDN Primary Rate Interfaces:** Ensures proper impedance matching for data transmission. 3. **Digital Loop Carriers:** Assists in maintaining signal clarity over copper pairs. 4. **Network Termination Units:** Used in the final stage of service delivery to a customer. --- ## 5. Summary of the "T&R" Suffix The **T&R** suffix stands for **Tape and Reel**. This is a packaging format used for automated Pick-and-Place assembly machines in high-volume manufacturing. The DS2129S is the base part number (S denoting the SOIC package), and T&R specifies how the parts are delivered to the factory.
    ✨ Follow-up Questions
    • ⤷ How does an electronic inductor compare to a traditional wire-wound inductor in terms of EMI?
    • ⤷ What are the common failure modes for the DS2129S in telecom circuits?
    • ⤷ Is the DS2129S compatible with 3.3V logic systems?