Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSC0805AS-RDPB

  • AI
    The **DSC0805AS-RDPB** is a specialized precision surface-mount resistor, typically used in high-reliability or high-voltage applications. Based on the standard naming conventions for the DSC series (often manufactured by companies like Welwyn/TT Electronics), here is a breakdown of its characteristics. ### 1. Part Number Deciphering | Segment | Identification | Description | | :--- | :--- | :--- | | **DSC** | Series | Double Steel/Thick Film Pulse Withstanding Chip | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **AS** | Construction | Anti-sulfur or specialized coating (Model specific) | | **R** | Resistance | Denotes decimal point for Ohms (e.g., 10R = 10Ω) | | **DPB** | Tolerance/Packaging | D (0.5%), P (Pulse handling), B (Bulk/Tape) | --- ### 2. Technical Specifications This component is engineered to handle higher energy pulses than standard thick-film resistors of the same size. * **Resistance Value:** The specific value is embedded in the central digits (e.g., if it reads 100R, it is 100 Ohms). * **Power Rating:** Typically **0.25W** (standard for 0805) but may have higher pulse power ratings. * **Tolerance:** Often **±0.5%** or **±1%**, indicating high precision for a thick-film component. * **Temperature Coefficient (TCR):** Usually around **±100ppm/°C**, ensuring stability across temperature fluctuations. * **Voltage Rating:** Enhanced limiting element voltage (LEV), often up to **150V - 200V**. --- ### 3. Key Features and Applications The "AS" designation usually signifies **Anti-Sulfur** properties, making it ideal for harsh environments where silver contamination could cause resistor failure. #### Features: * **Pulse Withstanding:** Designed to survive sudden surges without "open-circuiting." * **Small Footprint:** 0805 is the industry standard for high-density PCB designs. * **Reliability:** Resistant to environmental pollutants. #### Common Applications: 1. **Power Supplies:** Used in snubbers or current sensing where pulse loads occur. 2. **Industrial Controls:** Protection against electrical noise and surges. 3. **Automotive Electronics:** Used in engine control units (ECUs) due to anti-sulfur requirements. 4. **Lighting:** LED driver circuits that experience inrush currents. --- ### 4. Typical Footprint Data If you are designing a PCB (Printed Circuit Board) for this part, use the following standard 0805 dimensions: ```text Length: 2.00 mm Width: 1.25 mm Height: 0.50 mm (Approx) Recommended Pad: 1.0mm x 1.4mm ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse energy rating for the DSC0805 series?
    • ⤷ How does an anti-sulfur resistor differ from a standard thick-film resistor?
    • ⤷ Can I substitute a standard 0805 resistor for a DSC pulse-withstanding type?