Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSC1206AS-RFT3

  • AI
    The **DSC1206AS-RFT3** belongs to a specific category of high-performance passive components. Based on its nomenclature and technical classification, it is a **thick film surface mount (SMD) resistor** designed for specialized applications. ### 1. Technical Specifications The part number follows a standard industry convention for precision resistors. Below are the primary specifications: | Parameter | Specification | | :--- | :--- | | **Package Size** | 1206 (Imperial) / 3216 (Metric) | | **Resistor Type** | Thick Film (Anti-Sulfur/High Precision) | | **Termination Style** | Surface Mount Device (SMD/SMT) | | **Resistance Tolerance** | Typically ±1% or ±0.5% (Series dependent) | | **Power Rating** | 0.25W to 0.33W (Standard for 1206 package) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Key Features and Construction The "AS" in the part number often denotes **Anti-Sulfur** capabilities, making it suitable for harsh environments. * **Anti-Sulfuration:** The inner electrodes are typically protected by a specialized layer to prevent silver sulfide growth, which causes resistor failure in polluted environments. * **AEC-Q200 Compliance:** Most parts in this series are automotive grade, meaning they undergo rigorous stress testing for vibration, thermal shock, and moisture resistance. * **Pulse Withstanding:** The thick film construction allows for better energy absorption during short-term pulse events compared to thin-film alternatives. --- ### 3. Application Use Cases Due to its reliability, the DSC1206AS-RFT3 is commonly found in the following sectors: 1. **Automotive Systems:** ECU (Engine Control Units), braking systems, and infotainment where reliability is critical. 2. **Industrial Controls:** Applications exposed to high humidity or chemical pollutants (sulfur-rich environments like paper mills or mining). 3. **Power Supplies:** Used as a sensing or bleed resistor in DC-DC converters. 4. **Telecom Infrastructure:** High-uptime hardware that requires long-term stability. --- ### 4. Footprint and Mounting The **1206** footprint is favored in designs where manual prototyping is possible but high-density automated assembly is the goal. ```markdown Dimensions (Approximate): - Length: 3.20 mm - Width: 1.60 mm - Height: 0.55 mm ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the RFT3 suffix?
    • ⤷ How does an anti-sulfur resistor differ from a standard thick film resistor?
    • ⤷ What are the recommended soldering profiles for the 1206 package size?