Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSC2010AS-RFT18

  • AI
    The **DSC2010AS-RFT18** is a high-performance, programmable MEMS (Micro-Electro-Mechanical Systems) oscillator produced by Microchip Technology (formerly Micrel). It is designed to replace traditional quartz crystal oscillators in applications requiring high reliability and frequency stability. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics of the DSC2010 series: | Parameter | Specification | | :--- | :--- | | **Oscillator Type** | MEMS (Silicon) | | **Output Type** | CMOS | | **Supply Voltage (Vdd)** | 1.8V to 3.3V (Typical) | | **Frequency Stability** | ±10ppm to ±50ppm (Configurable) | | **Operating Temperature** | -40°C to +105°C (AEC-Q100 Grade available) | | **Package Size** | 2.0mm x 1.6mm (Standard DFN) | | **Pin Count** | 4-Pin | --- ## 2. Key Electronic Components & Internal Architecture The device is not a single piece of quartz, but rather a complex Integrated Circuit (IC) consisting of two main parts: ### A. MEMS Resonator * **Material:** High-Q silicon resonator. * **Function:** Unlike quartz, which vibrates mechanically, this is a tiny silicon structure etched into the die that provides the base frequency reference. It is immune to mechanical shock and vibration. ### B. CMOS ASIC (Application Specific Integrated Circuit) This chip handles the electronic processing: 1. **Phase-Locked Loop (PLL):** Synthesizes the specific output frequency from the MEMS resonator. 2. **Temperature Compensation:** Includes internal sensors that adjust the frequency in real-time to counteract thermal drift. 3. **Output Driver:** A CMOS stage that provides the signal to the PCB trace. 4. **One-Time Programmable (OTP) Memory:** Stores the specific frequency and configuration settings (like drive strength). --- ## 3. Pin Configuration The physical interface of the DSC2010AS follows a standard 4-pin layout: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **OE / STDBY** | Output Enable (high) or Standby (low) | | 2 | **GND** | Ground | | 3 | **Output** | Frequency Signal Output | | 4 | **VDD** | Power Supply | --- ## 4. Performance Advantages * **Reliability:** 20x better reliability (MTBF) than quartz oscillators. * **Shock Resistance:** Highly resistant to mechanical shock (up to 30,000g) and vibration. * **Start-up Time:** Extremely fast stabilization (typically <5ms). * **Supply Noise Rejection:** Internal LDOs help filter power supply noise, ensuring low jitter. ---
    ✨ Follow-up Questions
    • ⤷ How does a MEMS oscillator differ from a standard crystal oscillator in terms of power consumption?
    • ⤷ What are the specific soldering requirements for the 2.0mm x 1.6mm DFN package?
    • ⤷ Can the frequency of the DSC2010 be reprogrammed after it has been shipped?