Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSC2010AS-RFT3

  • AI
    ## Technical Overview: DSC2010AS-RFT3 The **DSC2010AS-RFT3** is a high-performance, programmable MEMS (Micro-Electro-Mechanical Systems) oscillator produced by **Microchip Technology**. It belongs to the DSC2010 series, which is designed to provide stable clock signals without the mechanical vulnerabilities associated with traditional quartz crystals. --- ### Key Specifications | Parameter | Specification | |:---|:---| | **Technology** | MEMS (Silicon) | | **Output Type** | LVCMOS | | **Frequency Range** | 2.3 MHz to 170 MHz | | **Supply Voltage** | 2.25V to 3.6V | | **Frequency Stability** | ±25 ppm / ±50 ppm (Depending on grade) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Size** | 3.2 x 2.5 mm (Standard DFN) | --- ### Core Electronic Components & Features #### 1. MEMS Resonator Unlike standard oscillators that use a vibrating quartz crystal, this part uses a **silicon resonator**. * **Durability:** Highly resistant to mechanical shock and vibration (up to 30,000G). * **Reliability:** 20 times more reliable than quartz, with virtually no aging effects. #### 2. CMOS Integrated Circuit (IC) The internal ASIC (Application Specific Integrated Circuit) manages the signal processing: * **Frequency Synthesizer:** Uses a fractional-N PLL (Phase-Locked Loop) to generate the precise target frequency from the MEMS resonator. * **Temperature Compensation:** Includes internal circuitry to sense temperature and adjust the frequency in real-time to maintain stability. * **Output Drivers:** Provides LVCMOS output levels with controlled rise and fall times to minimize Electromagnetic Interference (EMI). #### 3. Control Logic The "AS" in the part number typically refers to specific configuration settings: * **Enable/Disable Function:** Pin 1 is usually a control pin that allows the system to put the oscillator into a low-power standby mode. * **Stability Performance:** The RFT3 suffix often denotes specific factory-programmed parameters or packaging styles (Tape & Reel). --- ### Advantages in Electronic Design 1. **Small Footprint:** The 3.2 x 2.5 mm package is ideal for space-constrained PCB designs like IoT devices or wearables. 2. **No External Caps:** Unlike crystal resonators, this is a complete oscillator; it does not require external load capacitors to function. 3. **Low Jitter:** Optimized for high-speed communication interfaces where timing precision is critical. --- ### Applications * Consumer Electronics (Smartphones, Tablets) * Industrial Controllers * High-vibration automotive environments * Data Communications (Ethernet, SATA)
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the DSC2010 series?
    • ⤷ How does a MEMS oscillator compare to a TCXO in terms of power consumption?
    • ⤷ Is the DSC2010AS-RFT3 AEC-Q100 qualified for automotive use?