Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSP1-DC6V-R

  • AI
    The **DSP1-DC6V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in control circuits where small size and high switching capacity are required. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Coil Voltage (Nominal)** | 6V DC | | **Contact Form** | 1 Form A 1 Form B (SPST-NO + SPST-NC) | | **Contact Rating (Resistive)** | 5A @ 250V AC / 5A @ 30V DC | | **Coil Power Consumption** | Approx. 300 mW | | **Mounting Type** | Through Hole (PCB) | | **Operating Temperature** | -40°C to +60°C | | **Sealing** | Sealed (Washable) | --- ### 2. Breakdown of the Part Number Understanding the suffix and prefix helps in identifying the exact variant: * **DSP**: Series name (Durable Small Power relay). * **1**: Contact arrangement (1a1b - one normally open and one normally closed). * **DC6V**: The specific voltage required to energize the coil (6 Volts Direct Current). * **R**: Indicates **Reverse Polarity** or specific pinout configuration (often referring to the internal diode or magnet orientation in specific sub-series). --- ### 3. Internal Components and Functionality 1. **The Coil (Electromagnet):** When 6V DC is applied, the coil generates a magnetic field. Because this is a high-sensitivity relay, it requires relatively low current to activate. 2. **The Contacts:** * **AgSnO2 (Silver Tin Oxide):** The contact material is designed to resist welding and electrical erosion, making it suitable for inductive loads. 3. **Polarized Magnet:** This relay uses a permanent magnet in conjunction with the electromagnet. This increases "pick-up" sensitivity and allows for a more compact design. --- ### 4. Applications Due to its 5A switching capability and small footprint, the DSP1-DC6V-R is commonly found in: * **Office Automation:** Printers and copiers. * **Industrial Equipment:** PLC (Programmable Logic Controller) output modules. * **Household Appliances:** Temperature control systems and timers. * **Security Systems:** Control panels and alarm triggers. --- ### 5. Circuit Design Considerations * **Flyback Diode:** Since it is an inductive load, always place a diode (e.g., 1N4148) in parallel with the coil (in reverse bias) to protect your driving transistor from voltage spikes. * **Polarity:** Note that because it is a **polarized relay**, the positive (+) and negative (-) terminals of the coil must be connected correctly as indicated on the datasheet.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' suffix and the standard version in this series?
    • ⤷ Can this relay be driven directly by a 5V microcontroller pin?
    • ⤷ What are the footprint dimensions for PCB layout?