Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSP1-L2-DC3V-R

  • AI
    ## Overview of DSP1-L2-DC3V-R The **DSP1-L2-DC3V-R** is a specific type of high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in control circuits where space is limited and low power consumption is required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **DSP** | Series Name | High sensitivity, 1-pole/2-pole, 5A/8A power relay. | | **1** | Contact Form | 1a1b (1 Form A and 1 Form B) configuration. | | **L2** | Operating Function | **2-coil latching** type. | | **DC3V** | Rated Coil Voltage | Operates at 3 Volts Direct Current. | | **R** | Special Feature | Reversed terminal polarity (standard for certain PCB layouts). | --- ### 2. Key Technical Specifications Below are the primary electrical and mechanical ratings for this component: | Feature | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A, 1 Form B (1a1b) | | **Nominal Switching Capacity** | 5A 250V AC / 5A 30V DC | | **Max. Switching Power** | 1,250 VA / 150 W | | **Coil Resistance** | 30 $\Omega$ (Approx.) | | **Nominal Operating Power** | 300 mW | | **Insulation Resistance** | Min. 1,000 M$\Omega$ (at 500V DC) | | **Breakdown Voltage** | 3,000 Vrms (between contact and coil) | --- ### 3. Electronic Design Considerations #### A. Latching Mechanism (L2) Unlike a standard "monostable" relay that requires constant power to stay energized, the **L2 (2-coil latching)** version uses two separate coils: 1. **Set Coil:** A short pulse sets the relay to one state. 2. **Reset Coil:** A short pulse to the second coil returns it to the original state. *Benefit:* It consumes zero power once the state is switched, making it ideal for battery-operated devices. #### B. Polarized Design This relay uses a permanent magnet in its construction to achieve high sensitivity. Designers must strictly observe the **polarity** of the coil pins (+/-) as indicated in the datasheet, or the relay will fail to actuate. #### C. Reverse Terminal (R) The "R" suffix indicates a **reversed pin layout**. This is critical during the PCB design phase to ensure the traces align with the actual physical footprint of the component. --- ### 4. Typical Applications * **Industrial Equipment:** PLC (Programmable Logic Controller) outputs. * **Office Automation:** Copiers and printers. * **Consumer Electronics:** Smart home energy management systems. * **Battery Powered Devices:** Due to the energy-saving nature of the 2-coil latching mechanism.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the L2 latching and L monostable versions of this relay?
    • ⤷ Can this relay be driven directly by a 3.3V microcontroller GPIO?
    • ⤷ What are the specific pinout differences for the 'R' reversed terminal version?