Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSP1-L2-DC5V-R

  • AI
    The **DSP1-L2-DC5V-R** is a specific type of high-performance electromechanical relay manufactured by Panasonic (formerly Matsushita). It is widely used in industrial control, office automation, and consumer electronics due to its compact size and high switching capacity. --- ### 1. Technical Specifications Breakdown The part number encodes the specific characteristics of the component: | Feature | Specification | | :--- | :--- | | **Series** | DSP Series (High sensitivity, compact) | | **Contact Arrangement** | 1 Form A 1 Form B (1a1b) / SPST-NO + SPST-NC | | **Latching Type** | **L2**: 2-Coil Latching | | **Nominal Coil Voltage** | **5V DC** | | **Reverse Polarity** | **R**: Pin layout / Reverse orientation variant | | **Contact Rating** | 5A 250V AC / 5A 30V DC | | **Coil Power** | Approx. 300 mW (Set/Reset power) | --- ### 2. Key Electronic Features #### A. 2-Coil Latching Mechanism Unlike a standard "monostable" relay that requires constant current to stay energized, this is a **latching relay**. * **Set Coil:** A brief pulse of current to one coil flips the contacts to the "set" state. * **Reset Coil:** A brief pulse to the second coil flips them back. * **Benefit:** It consumes zero power once the state is switched, making it ideal for battery-powered devices or heat-sensitive applications. #### B. High Dielectric Strength The DSP series is designed for safety and isolation: * **Surge Voltage:** 8,000V between contacts and coil. * **Breakdown Voltage:** 3,000V AC between contacts and coil. #### C. Contact Material It typically uses **AgSnO2 (Silver Tin Oxide)** contacts. This material provides excellent resistance to welding and material transfer, ensuring a long electrical life even under inductive loads. --- ### 3. Pin Configuration and Connection The "R" suffix often indicates a specific pinout or polarity orientation. Below is a conceptual representation of the internal circuit for a 2-coil latching 1a1b relay: ```text Pin 1: (+) Set Coil Pin 2: (-) Set/Reset Common (or specific polarity) Pin 3: (+) Reset Coil Pin 5/8: Common Contact Pin 6: NC (Normally Closed) Contact Pin 7: NO (Normally Open) Contact ``` --- ### 4. Common Applications * **Smart Home:** Lighting controls where the relay must maintain its state during power flickers. * **Industrial:** PLC (Programmable Logic Controller) output modules. * **Energy Management:** Systems requiring low standby power consumption. * **Testing Equipment:** Signal switching where coil heat might affect sensitive measurements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 1-coil latching and a 2-coil latching relay?
    • ⤷ Can this relay be driven directly by a microcontroller GPIO pin?
    • ⤷ What are the specific advantages of AgSnO2 contacts over AgNi contacts?