Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSP2A-L2-DC12V-R

  • AI
    The **DSP2A-L2-DC12V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in industrial control, home appliances, and office automation due to its compact size and high switching capacity. --- ### 1. Part Number Breakdown Understanding the alphanumeric code explains the core specifications: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **DSP** | Series Name | DSP Series (Polarized Power Relay) | | **2A** | Contact Form | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) | | **L2** | Operating Function | 2-Coil Latching Type | | **DC12V** | Rated Coil Voltage | 12 Volts Direct Current | | **R** | Special Feature | Reverse Polarity Type (Standard polarity available without 'R') | --- ### 2. Key Technical Specifications This relay is known for balancing a small footprint with the ability to handle significant electrical loads. #### Electrical Characteristics * **Contact Rating:** 5A 250V AC / 5A 30V DC. * **Max. Switching Power:** 1,250 VA / 150 W. * **Contact Resistance:** Max 30 mΩ. * **Nominal Operating Power:** Approx. 300 mW. #### Coil Data (12V DC) * **Set Voltage:** 80% of nominal voltage (9.6V). * **Reset Voltage:** 80% of nominal voltage (9.6V). * **Coil Resistance:** 480 Ω (±10%). --- ### 3. Features and Advantages * **2-Coil Latching:** Unlike standard non-latching relays, this part uses two coils. One pulse to the "set" coil closes the contacts, and they remain closed even after power is removed. A pulse to the "reset" coil opens them. This makes it extremely **energy efficient** for long-duration operations. * **Polarized Design:** Uses a permanent magnet in conjunction with the electromagnet, increasing sensitivity and allowing for a more compact size. * **High Breakdown Voltage:** Provides 3,000 Vrms between contacts and coil, ensuring safety and isolation. * **Compact Dimensions:** Typically measures 20.2 mm × 11 mm × 10 mm. --- ### 4. Typical Applications The DSP2A-L2-DC12V-R is commonly found in: 1. **Energy Management:** Smart meters and power saving circuits where the relay stays in one state for long periods. 2. **Industrial Equipment:** PLC output modules and security systems. 3. **Consumer Electronics:** Air conditioners, microwave ovens, and audio-visual equipment. --- ### 5. Wiring Diagram Logic (Simplified) Because this is a **2-coil latching** relay, the PCB layout must account for three main points on the coil side: 1. **Common Terminal:** Usually the center pin. 2. **Set Terminal:** Energize to close the 2 Form A contacts. 3. **Reset Terminal:** Energize to open the 2 Form A contacts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' (Reverse) and standard polarity versions of this relay?
    • ⤷ How does a 2-coil latching relay differ from a single-coil latching relay in terms of PCB design?
    • ⤷ Can this relay be used for switching inductive loads like small motors?