Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSP2A-L2-DC5V-R

  • AI
    The **DSP2A-L2-DC5V-R** is a high-performance, subminiature power relay manufactured by Panasonic. This specific part belongs to the **DSP series** and is characterized by its latching capability and high sensitivity. --- ## 1. Part Number Breakdown Understanding the suffix codes helps identify the specific electronic characteristics of this component: | Code | Meaning | Description | | :--- | :--- | :--- | | **DSP** | Series Name | Panasonic DSP Series Power Relay | | **2A** | Contact Form | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) | | **L2** | Operating Function | **2-Coil Latching** (Stays in position without continuous power) | | **DC5V** | Rated Coil Voltage | 5 Volts Direct Current | | **R** | Reverse Polarity | Indicates a specific pin orientation/polarity configuration | --- ## 2. Key Electronic Specifications These values are critical for circuit design and integration. ### Coil Ratings (Input) * **Nominal Operating Power:** 300 mW (Typical for 2-coil latching). * **Nominal Operating Current:** 60 mA. * **Set/Reset Voltage:** Max 80% of nominal voltage (4V DC). * **Coil Resistance:** Approx. 83.3 $\Omega$ per coil. ### Contact Ratings (Output) * **Max. Switching Capacity:** 5A 250V AC / 5A 300V DC. * **Max. Switching Power:** 1,250 VA / 150 W. * **Contact Material:** Au-flashed $\text{AgSnO}_2$ (Gold-clad silver tin oxide for high reliability). --- ## 3. The "L2" (2-Coil Latching) Mechanism Unlike a standard "monostable" relay that reverts to its original state when power is removed, this **2-coil latching** relay works as follows: 1. **Set Coil:** Pulsing this coil moves the contacts to the "Closed" position. They stay there even after the pulse ends. 2. **Reset Coil:** Pulsing this coil moves the contacts back to the "Open" position. 3. **Benefit:** It consumes zero power once the state is changed, making it ideal for battery-operated devices. --- ## 4. Typical Applications Due to its small footprint and latching nature, it is commonly found in: * **Industrial Equipment:** PLC output modules and security systems. * **Energy Management:** Smart meters and power saving circuits. * **Telecommunications:** Signal switching where heat dissipation must be minimized. * **Office Automation:** Printers and copiers. --- ## 5. Circuit Design Considerations * **Polarity:** Since this is a DC latching relay, you must observe the correct polarity on the Set and Reset coils. * **Pulse Width:** To ensure reliable switching, a drive pulse of at least 30ms-50ms is generally recommended. * **Flyback Protection:** Diodes should be used across the coils to protect the driving transistors/Microcontroller from inductive spikes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 1-coil latching and a 2-coil latching relay?
    • ⤷Can I drive the DSP2A-L2-DC5V-R directly from a microcontroller GPIO pin?
    • ⤷How does the 'R' suffix change the pinout compared to the standard model?