Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DSR-CSS-R1

  • AI
    The **DSR-CSS-R1** refers to a high-precision digital sensor (often a Draw-Wire Sensor or Linear Displacement Transducer) used in industrial automation for measuring position and distance. ### Core Electronic Components The device integrates several key electronic subsystems to convert mechanical movement into a digital signal. | Component | Function | Description | | :--- | :--- | :--- | | **Rotary Encoder** | Sensing Element | Usually an optical or magnetic absolute encoder that converts wire rotation into pulses. | | **Signal Processor** | IC / Microcontroller | An internal chip that processes raw sensor data and performs error correction. | | **Output Driver** | Communication Interface | Supports industrial protocols such as **RS485, CANopen, or SSI**. | | **Power Regulator** | Voltage Management | Handles typical industrial inputs (10-30V DC) and protects against reverse polarity. | --- ### Technical Specifications (Electronic) The DSR-CSS-R1 is designed for reliability in harsh environments. Below are the typical electronic characteristics: * **Resolution:** Typically 12-bit to 16-bit depending on the internal encoder configuration. * **Interface:** Most R1 models utilize a **Serial Synchronous Interface (SSI)** or **RS485** for high-speed data transfer. * **Power Consumption:** Low wattage (typically < 100mA) to ensure minimal heat dissipation. * **Protection Circuitry:** Includes EMI/RFI shielding to prevent signal noise from nearby high-voltage motors. ### Wiring and Connection The electronic interface is usually terminated with an **M12 industrial connector** or a shielded cable. The pinout typically follows this logic: 1. **V+**: Positive Power Supply (10-30VDC). 2. **GND**: 0V / Common Ground. 3. **Data+ / Clock+**: Differential signal lines for digital communication. 4. **Data- / Clock-**: Differential signal lines for noise immunity. --- ### Key Features * **Absolute Position Memory:** Due to the electronic encoder, the device retains its position even after a power loss (no homing required). * **Digital Filtering:** Internal electronics smooth out mechanical vibrations to provide a stable reading. * **Environmental Sealing:** The electronics are usually encased in an IP65 or IP67 rated housing to protect against dust and moisture.
    ✨ Follow-up Questions
    • ⤷ What is the maximum measurement range for the DSR-CSS-R1 series?
    • ⤷ How do I configure the RS485 communication parameters for this sensor?
    • ⤷ What are the primary differences between the R1 and R2 models?