Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DT-1-R

  • AI
    The **DT-1-R** typically refers to a specific type of **surface-mount (SMD) delay line** or a high-precision **resistor/component series** depending on the manufacturer. However, in the context of electronic components, it is most commonly associated with timing modules or specialized delay lines. Below is a breakdown of the electronic characteristics and specifications generally associated with this part number. --- ## 1. Component Overview The DT-1-R is often categorized as a passive or semi-active timing component used to delay electrical signals by a specific duration (measured in nanoseconds). ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Delay Line / Precision Passive | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Common Package** | 3-pin or 5-pin small outline | | **Lead Finish** | RoHS Compliant (indicated by the "-R" suffix) | | **Impedance** | Usually 50Ω to 100Ω (application dependent) | --- ## 2. Key Internal Elements The electronic internal structure of a DT-1-R component typically consists of: * **Inductor-Capacitor (LC) Network:** Most delay lines use a series of miniature inductors and capacitors to create a phase shift, resulting in a time delay. * **Termination Resistors:** High-precision resistors integrated to match characteristic impedance and prevent signal reflection. * **Encapsulation:** High-grade epoxy or ceramic housing to ensure thermal stability and protection from interference. --- ## 3. Function of the Suffixes In electronic part numbering, the letters attached to "DT-1" provide critical information: 1. **"DT"**: Usually identifies the series (Delay Timer or Digital Timing). 2. **"1"**: Often refers to the specific delay interval or a version number. 3. **"-R"**: This almost universally stands for **RoHS Compliant** (Lead-Free) or **Tape & Reel** packaging for automated assembly lines. --- ## 4. Typical Applications These parts are found in high-precision circuits where timing is critical: * **Digital Communication:** Aligning clock signals across different PCB traces. * **Memory Modules:** Synchronizing data strobe signals. * **Test & Measurement:** Used in oscilloscopes and signal generators to calibrate signal paths. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific delay time (nanoseconds) for the DT-1-R variant?
    • ⤷ Which manufacturer produces the DT-1-R component?
    • ⤷ What are the soldering temperature profiles for this SMD part?