Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTA115TL-AE3-R

  • AI
    The **DTA115TL-AE3-R** is a digital transistor (also known as a Resistor-Equipped Transistor or RET). It is designed to simplify circuit design by integrating a standard bipolar junction transistor (BJT) with internal bias resistors. ### 1. Technical Specifications Below are the key electrical and physical characteristics of the DTA115TL-AE3-R: | Parameter | Specification | | :--- | :--- | | **Polarity** | PNP | | **Type** | Digital Transistor (Built-in Resistors) | | **Package Type** | SOT-23 | | **Collector-Emitter Voltage ($V_{CEO}$)** | -50V | | **Collector Current ($I_C$)** | -100mA | | **Input Resistance ($R1$)** | 100 kΩ | | **Bias Resistance ($R2$)** | None (Open) | | **Power Dissipation ($P_D$)** | 200mW | --- ### 2. Internal Structure and Configuration The DTA115TL belongs to the "Digital Transistor" family. Unlike a standard PNP transistor, it includes an integrated series resistor at the base. * **Internal Circuitry:** It contains a single series resistor ($R1$) between the input terminal and the base of the PNP transistor. * **Purpose of $R1$:** The 100 kΩ resistor limits the base current, allowing the device to be driven directly by logic gates (like a microcontroller) without needing an external current-limiting resistor. * **Missing $R2$:** The "L" in the part number indicates a specific resistor configuration where there is no emitter-base resistor ($R2$ is open). --- ### 3. Pinout Mapping (SOT-23) The device is packaged in a standard 3-pin surface mount SOT-23 package. 1. **Pin 1 (IN):** Input (connected to the internal $R1$ resistor). 2. **Pin 2 (GND/Emitter):** Connected to the Emitter. 3. **Pin 3 (OUT/Collector):** Connected to the Collector. --- ### 4. Typical Applications This component is primarily used as a switch in low-power circuits. Common use cases include: * **Inverter/Switching:** Switching loads such as LEDs, small relays, or buzzers. * **Interface Circuits:** Bridging different voltage logic levels. * **Space Saving:** Reducing the Bill of Materials (BOM) and PCB footprint by eliminating external resistors. --- ### 5. Part Number Breakdown Understanding the suffix codes: * **DTA:** Digital PNP Transistor. * **115:** Resistor value code (100 kΩ). * **T:** Resistor configuration (Series resistor only). * **AE3:** Package code for SOT-23. * **R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the difference between DTA and DTC series transistors?
    • ⤷ How do I calculate the saturation voltage for this digital transistor?
    • ⤷ Can this transistor be used for high-frequency switching applications?