Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTB-R232

  • AI
    The **DTB-R232** typically refers to a **Digital Terminal Board** (or similar interface module) designed to facilitate communication between a programmable logic controller (PLC), such as the Delta DTB temperature controller series, and external hardware using the **RS-232** serial protocol. Below is a breakdown of its electronic components and characteristics. --- ### 1. Core Electronic Components The board acts as a bridge between high-level logic and physical wiring. Here are the primary components found on such a device: | Component Type | Functionality | | :--- | :--- | | **RS-232 Transceiver IC** | Converts TTL/CMOS logic signals from the controller into RS-232 voltage levels (+/- 12V). | | **Terminal Blocks** | Screw-down or spring-loaded connectors used to wire the TX, RX, and GND lines. | | **Bypass Capacitors** | Small ceramic capacitors used to filter noise from the power supply lines. | | **Status LEDs** | Indicators (usually Red/Green) that flash during Data Transmission (TX) and Reception (RX). | | **Isolation Optocouplers** | (In high-end models) Protects the main controller from voltage spikes on the serial line. | --- ### 2. Technical Specifications Generally, these boards adhere to the following electrical standards: * **Communication Protocol:** RS-232C. * **Connector Pinout:** * **TX (Transmit):** Sends data to the PC/Device. * **RX (Receive):** Receives data from the PC/Device. * **GND (Ground):** Common reference point. * **Baud Rate Support:** Typically ranges from 2,400 to 38,400 bps (depending on the master controller). * **Voltage Range:** Operates within standard RS-232 logic levels (Logic 0: +3V to +15V; Logic 1: -3V to -15V). --- ### 3. Connection Architecture To interface this board with a system, the wiring logic follows this structure: ```mermaid graph LR A[Temperature Controller] -- TTL Logic --> B[DTB-R232 Board] B -- RS-232 Voltage --> C[PC / HMI / PLC] ``` --- ### 4. Implementation Example (Modbus RTU) Most DTB series devices use the **Modbus RTU** protocol over the R232 hardware layer. Below is a conceptual example of how the communication parameters are structured in the firmware: ```python # Example of a Modbus RTU request frame structure # sent over the DTB-R232 hardware device_address = 0x01 function_code = 0x03 # Read Holding Registers register_start = 0x1000 # PV (Present Value) num_registers = 0x0001 crc_checksum = [0xXX, 0xXX] ``` --- ### Summary of Use Cases 1. **Remote Monitoring:** Connecting a temperature controller to a PC for data logging. 2. **Configuration:** Using software to upload/download PID parameters instead of using the front panel buttons. 3. **Legacy Integration:** Interfacing with older PLC systems that lack RS-485 or Ethernet ports.
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable length supported by the DTB-R232 interface?
    • ⤷ How do I troubleshoot a 'Communication Error' when using this board?
    • ⤷ Does the DTB-R232 support full-duplex or half-duplex communication?