Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTC-R/S-M

  • AI
    The **DTC-R/S-M** series typically refers to a specific line of **Temperature Controllers** (often manufactured by companies like Delta Electronics or specialized industrial automation brands). These devices are modular, DIN-rail mounted units designed for high-precision thermal management. --- ## 1. Core Electronic Architecture The electronic design of the DTC (Delta Temperature Controller) series focuses on modularity and high-speed signal processing. | Component Group | Functionality | Key Parts | |:---|:---|:---| | **Input Stage** | Signal Acquisition | High-resolution A/D Converters (up to 24-bit), Thermocouple/RTD compensation circuits. | | **Control Logic** | Processing | Microcontroller (MCU) programmed with PID, Fuzzy Logic, and Auto-tuning algorithms. | | **Output Stage** | Power Modulation | Relays, SSR (Solid State Relay) drivers, or Analog Voltage/Current outputs. | | **Communication** | Data Interface | RS-485 interface chips supporting Modbus ASCII/RTU protocols. | | **Isolation** | Protection | Optocouplers and galvanic isolation transformers to prevent noise interference. | --- ## 2. Key Electronic Features * **Dual Output Support:** The "R" and "S" in the model name often designate the output type: * **R (Relay):** Mechanical SPDT relay for low-frequency switching. * **S (Voltage Pulse):** DC 14V pulse output to drive external SSRs for high-speed PWM control. * **Modular Extension:** The "M" usually denotes the **Main** unit. These use a side-connector bus system to allow "S" (Slave) units to be powered and controlled without individual wiring for communication. * **Universal Input:** The electronics are designed to handle multiple sensor types (Thermocouples J, K, T, E, N, R, S, B, L, U, TXK and RTDs Pt100, JPt100). --- ## 3. Wiring and Terminal Breakdown The electronic terminals are categorized to ensure signal integrity and safety: ### Power and Communication ```text Terminal 1-2: Power Input (AC 100~240V or DC 24V depending on model) Terminal 3-5: RS-485 Communication (D+, D-, Ground) ``` ### Sensor and Output ```text Terminal 6-8: Sensor Input (RTD or Thermocouple pins) Terminal 9-11: Control Output 1 (Relay Contact or SSR Pulse) Terminal 12-13: Alarm Outputs / Event Inputs ``` --- ## 4. Operational Logic The electronic circuit follows a closed-loop system: 1. **Sampling:** The A/D converter reads the analog voltage from the sensor. 2. **Comparison:** The MCU compares the current temperature against the **Set Point (SV)**. 3. **Calculation:** The PID algorithm determines the necessary power output. 4. **Execution:** The output stage triggers the Relay or SSR to pulse power to the heaters. ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between DTC-R and DTC-S models?
    • ⤷ How do I configure the RS-485 communication parameters for a DTC unit?
    • ⤷ What is the maximum number of slave units that can be connected to one DTC main unit?