Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTC-R/S-X

  • AI
    The **DTC-R/S-X** series typically refers to a specialized line of **Digital Temperature Controllers** (often associated with brands like Delta, Autonics, or similar industrial automation manufacturers). These are modular devices designed for DIN rail mounting, characterized by their "R" (Relay), "S" (Voltage Pulse/SSR), and "X" (Expansion) designations. Below is an explanation of the electronic components and architecture of these units. --- ### 1. Core Hardware Components The electronic architecture is divided into input processing, logic control, and output actuation. | Component | Function | Description | | :--- | :--- | :--- | | **Microprocessor (MCU)** | The Brain | Executes PID algorithms and manages communication protocols (usually Modbus RTU). | | **A/D Converter** | Signal Conversion | High-resolution converter that transforms analog signals from sensors into digital data. | | **Isolation Transformer** | Protection | Separates the high-voltage power circuit from the low-voltage logic circuit to prevent noise. | | **EEPROM Memory** | Data Storage | Stores user-defined parameters and setpoints so they aren't lost during power failure. | --- ### 2. Output Designations (R vs. S) The letters **R** and **S** in the model name define the internal electronic components used for the control output: * **DTC-R (Relay Output):** * **Internal Part:** Mechanical electromagnetic relay. * **Behavior:** Physical contacts open and close. * **Use Case:** Best for controlling high-current heaters with slow cycle times. * **DTC-S (Voltage Pulse Output):** * **Internal Part:** Optocoupler and DC voltage driver (typically 12VDC). * **Behavior:** Sends a logic signal to an external **Solid State Relay (SSR)**. * **Use Case:** Fast switching/high precision where mechanical wear must be avoided. --- ### 3. The "X" Designation (Expansion) The **DTC-X** unit is an expansion module. It lacks the CPU overhead required for main communication and instead relies on the "Master" unit via a side-connector (parallel bus). * **Bus Interface:** Uses gold-plated pins on the side of the housing to share power and RS-485 data with the main unit. * **Address Switches:** Rotary or DIP switches on the front/side to define the unit's ID on the communication bus. --- ### 4. Input Stage Electronics The DTC series features "Universal Input" circuitry, allowing it to interface with: 1. **Thermocouples (K, J, T, etc.):** Uses **Cold Junction Compensation (CJC)** via an internal thermistor to adjust for ambient temperature at the terminals. 2. **RTDs (Pt100):** Uses a constant current source to measure resistance changes. 3. **Analog (mA/V):** Uses precision shunt resistors to convert current into measurable voltage. --- ### Summary Table: Specifications | Feature | Detail | | :--- | :--- | | **Input Power** | Typically 24V DC (Industrial standard) | | **Communication** | RS-485 (Modbus ASCII/RTU) | | **Sampling Rate** | 0.1s to 0.5s depending on the model | | **Mounting** | 35mm DIN Rail |
    ✨ Follow-up Questions
    • ⤷ What is the difference in wiring between a DTC-R and a DTC-S?
    • ⤷ How do I configure the Modbus ID on a DTC-X expansion module?
    • ⤷ Can the DTC-R handle 220V AC directly through its relay contacts?