Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTC124EG-AE3-R

  • AI
    The **DTC124EG-AE3-R** is a specific part number for a **NPN Digital Transistor** (also known as a Pre-biased Transistor). It is designed to simplify circuit design by integrating a transistor and a bias network into a single package. --- ## 1. Core Specifications The device essentially functions as an NPN bipolar junction transistor with built-in series and bias resistors. | Parameter | Specification | | :--- | :--- | | **Type** | NPN Digital Transistor (Built-in Resistors) | | **Supply Voltage ($V_{CC}$)** | 50 V | | **Input Voltage ($V_{IN}$)** | -10 V to +40 V | | **Output Current ($I_O$)** | 30 mA | | **Peak Collector Current ($I_{C(Max)}$)** | 100 mA | | **Power Dissipation ($P_D$)** | 150 mW - 200 mW (depending on PCB) | | **Operating Temperature** | -55°C to +150°C | --- ## 2. Internal Resistor Network The "124" in the part number defines the resistor values. The **G** suffix typically denotes that both resistors are included. * **Input Resistor ($R1$):** 22 kΩ * **Base-Emitter Resistor ($R2$):** 22 kΩ * **Resistor Ratio ($R1/R2$):** 1.0 ### Why Built-in Resistors? 1. **Space Saving:** Eliminates the need for two external resistors. 2. **Cost Reduction:** Fewer components to purchase and pick-and-place. 3. **Stability:** Ensures consistent switching behavior and prevents thermal runaway. --- ## 3. Package and Ordering Information The suffix **AE3-R** provides details about the physical housing and shipping method: * **Package Type (AE3):** Usually refers to a **SOT-23** package (small surface-mount device with 3 pins). * **Packing (R):** Indicates **Tape & Reel**, standard for automated SMT assembly lines. * **Lead-Free:** These parts are typically RoHS compliant and halogen-free. --- ## 4. Typical Applications Because it is a "Digital" transistor, it is optimized for **switching** (ON/OFF) rather than linear amplification. * **Inverters:** Inverting logic signals. * **Interface Circuits:** Level shifting between different voltage domains. * **Driver Circuits:** Driving small relays, LEDs, or buzzing devices directly from a Microcontroller (MCU) GPIO. * **Muting Circuits:** Used in audio applications to ground signals. --- ## 5. Equivalent Circuit Logic ```text (B) In ---[ R1 ]---+--- (C) Out (Collector) | [ R2 ] | (E) GND (Emitter) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between DTC124EG and DTC124EK?
    • ⤷ Can this transistor be used for high-speed PWM switching?
    • ⤷ What are the voltage thresholds for the ON and OFF states?