Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DTC124EG-AL3-R

  • AI
    ## Overview of DTC124EG-AL3-R The **DTC124EG-AL3-R** is a **NPN Digital Transistor** (also known as a Pre-biased Transistor or Resistor-Equipped Transistor). It is designed to simplify circuit design by integrating a standard bipolar junction transistor (BJT) with an internal bias resistor network. --- ### 1. Internal Configuration Unlike a standard transistor, this device includes two integrated resistors: * **Series Base Resistor (R1):** Limits the input current. * **Base-Emitter Resistor (R2):** Acts as a pull-down resistor to ensure the transistor stays off when the input is floating. | Component | Value (Typical) | | :--- | :--- | | **R1 (Input Resistor)** | 22 kΩ | | **R2 (Base-Emitter Resistor)** | 22 kΩ | | **Ratio (R1/R2)** | 1.0 | --- ### 2. Key Specifications The following table highlights the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating/Value | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 50 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 10 V | | **Collector Current** | $I_C$ | 100 mA | | **Input Voltage** | $V_{in}$ | -10 V to +40 V | | **Power Dissipation** | $P_D$ | 150 mW (SOT-23 typical) | --- ### 3. Features and Benefits * **Space Saving:** Reduces the number of external components (replaces one transistor and two resistors). * **Simplified Design:** Allows the transistor to be driven directly by digital logic gates (TTL/CMOS) without external current-limiting resistors. * **Reliability:** Internal resistors are matched and integrated, reducing solder point failures. --- ### 4. Application Examples Digital transistors are primarily used for switching applications: 1. **Inverters:** Inverting digital logic signals. 2. **Interface Circuits:** Connecting a high-voltage load to a low-voltage microcontroller pin. 3. **Driver Circuits:** Switching small relays, LEDs, or buzzers. --- ### 5. Part Number Breakdown (UTC Standard) * **DTC:** Digital Transistor (NPN) * **124:** Code for resistor values (22k / 22k) * **E:** Built-in resistor type * **AL3:** Package code (usually indicates SOT-23) * **R:** Tape and Reel packaging / RoHS compliant
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN digital transistor (DTC) and a PNP digital transistor (DTA)?
    • ⤷ How do you calculate the saturation voltage for this transistor when used as a switch?
    • ⤷ Can this transistor be used for analog signal amplification?