Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DVA-4BAD-R

  • AI
    The **DVA-4BAD-R** is a specialized high-power electronic component, commonly categorized as a **Thyristor (SCR) Module** or a high-current diode bridge assembly, often used in industrial power conversion systems. --- ## 1. Technical Specifications Overview Based on standard industrial power electronics architecture, the DVA-4BAD-R features the following general characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Power Semiconductor Module (Thyristor/SCR) | | **Circuit Configuration** | Bridge or Anti-parallel arrangement | | **Mounting Style** | Chassis / Screw Mount | | **Cooling Requirement** | Heatsink (Passive or Forced Air) | | **Typical Application** | AC/DC Motor Drives, UPS, Power Supplies | --- ## 2. Key Electronic Features ### A. High Current Handling These modules are designed to switch or rectify very high currents (often ranging from 100A to several hundred Amperes). The internal silicon wafers are bonded to a copper baseplate to manage thermal dissipation. ### B. Isolation (Visol) The internal electronic parts are electrically isolated from the metal baseplate. This allows multiple modules to be mounted on a single grounded heatsink without causing a short circuit. ### C. Gate Triggering As an SCR-based part, it requires a **Gate pulse** to initiate conduction. Once triggered, it remains "ON" until the current through it drops below a specific holding threshold. --- ## 3. Internal Component Structure The "R" suffix often denotes a specific polarity or a ruggedized revision. Internally, the module consists of: 1. **Silicon Die:** The active semiconductor material. 2. **Ceramic Insulator:** Usually Alumina (Al2O3) or Aluminum Nitride (AlN) for thermal conductivity and electrical insulation. 3. **Internal Busbars:** Thick copper strips to carry high current between terminals. 4. **Encapsulation:** Thermosetting plastic or epoxy resin to protect against moisture and mechanical stress. --- ## 4. Typical Connection Diagram ```mermaid graph LR A[AC Input] --> B{DVA-4BAD-R} B --> C[DC Output / Load] D[Gate Control Circuit] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage and current ratings for the DVA-4BAD-R?
    • ⤷ Which manufacturer produces the DVA-4BAD-R module?
    • ⤷ How do you test a DVA-4BAD-R module using a multimeter?