Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DVS-36-R

  • AI
    The **DVS-36-R** is a high-performance, industrial-grade Digital Video Switcher and Distribution Amplifier. It is primarily designed for high-resolution analog video signals (often utilized in professional AV setups, broadcast, or older high-end monitoring systems). --- ### Core Electronic Components and Specifications The architecture of the DVS-36-R revolves around high-bandwidth signal processing. Below is a breakdown of its key electronic sections: #### 1. Signal Processing Unit The heart of the device consists of high-speed operational amplifiers (Op-Amps) and video crosspoint switches. These parts ensure that the signal remains "transparent"—meaning the output is identical to the input without noise or ghosting. #### 2. Power Supply Stage Industrial units like the DVS-36-R typically feature a regulated internal power supply designed to filter out AC line noise which can cause "hum bars" in video signals. * **Voltage Regulation:** Uses linear regulators to provide clean DC power. * **Protection:** Includes fuses or MOV (Metal Oxide Varistors) to protect against power surges. #### 3. Input/Output (I/O) Interface The physical connectivity is essential for maintaining signal integrity over long distances. | Component | Description | Function | | :--- | :--- | :--- | | **BNC Connectors** | 75-ohm Gold-plated or Nickel connectors | Ensures impedance matching and prevents signal reflection. | | **Termination Resistors** | Precise 75-ohm resistors | Prevents "ghosting" by terminating the signal at the end of the line. | | **Gain/Peaking Pots** | Potentiometers (Variable Resistors) | Allows the user to manually compensate for signal loss in long cable runs. | --- ### Technical Highlights * **Bandwidth:** Usually rated for >300MHz to support high-resolution RGBHV or Composite signals. * **Crosstalk Rejection:** Designed with internal shielding to prevent the signal from one channel leaking into another. * **Differential Gain/Phase:** Optimized to maintain color accuracy across the switching matrix. --- ### Application in Circuitry In a standard configuration, the electronic path follows this logic: 1. **Input Buffer:** High-impedance stage to receive the signal. 2. **Switching Matrix:** A CMOS or TTL controlled array that routes Input A to Output B. 3. **Output Driver:** A low-impedance high-current stage to drive the signal through long coaxial cables.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the DVS-36-R?
    • ⤷ Does this model support digital signals like HDMI
    • ⤷ or is it strictly analog?
    • ⤷ How do I adjust the gain settings on this specific unit?