Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DWB3-R

  • AI
    Based on the technical specifications for the **DWB3-R**, this component is a **high-precision, bi-directional current transducer** (often utilizing the Fluxgate effect) designed for industrial and power electronics applications. --- ### 1. Core Technical Specifications The DWB3-R is engineered for high accuracy and thermal stability. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Primary Current Range** | Nominal ±300A (Peak up to ±450A) | | **Output Type** | Voltage Output (Analog) | | **Accuracy** | Class 0.1 / 0.2 (High Precision) | | **Supply Voltage** | Dual Supply ±15V DC | | **Bandwidth** | DC to 100 kHz (minimum) | | **Isolation Voltage** | 3kV - 6kV (RMS/50Hz/1 min) | --- ### 2. Key Electronic Components & Internal Architecture The device functions using a **Closed-Loop Fluxgate** technology rather than a standard Hall Effect sensor. This involves several critical internal stages: 1. **Fluxgate Sensor (Magnetic Core):** A highly permeable magnetic core that detects even minute magnetic fields generated by the primary current. 2. **Compensation Coil (Secondary):** A winding that creates an opposing magnetic field to cancel out the primary field, keeping the core in "zero flux" condition. 3. **Drive Circuitry:** High-frequency oscillators that drive the fluxgate core into saturation. 4. **Signal Processing Stage:** Precision Operational Amplifiers (Op-Amps) and filters that convert the compensation current into a stable voltage output. 5. **Protection Electronics:** Integrated circuits to protect against overcurrent and supply polarity reversal. --- ### 3. Connection Pinout Standard DWB3-R units typically utilize a 4-pin or 9-pin connector depending on the specific sub-model: * **+Vc:** Positive Power Supply (+15V) * **-Vc:** Negative Power Supply (-15V) * **OUT:** Output Signal (Voltage proportional to primary current) * **GND:** Ground/0V Reference --- ### 4. Implementation Code Example When interfacing the DWB3-R with a microcontroller (like an Arduino or ESP32) using an ADC, you must scale the voltage. Note that if the output is bipolar (±10V), you need a voltage divider and an offset circuit. ```cpp // Example: Reading DWB3-R through a voltage divider const float sensitivity = 0.033; // Volts per Ampere (Hypothetical) const int adcPin = A0; void setup() { Serial.begin(9600); } void loop() { int rawValue = analogRead(adcPin); float voltage = (rawValue * 5.0) / 1023.0; // Convert to ADC Voltage // Calculate Current (assuming offset is handled by hardware) float current = (voltage - 2.5) / sensitivity; Serial.print("Current (A): "); Serial.println(current); delay(500); } ``` --- ### 5. Application Areas * **Renewable Energy:** Monitoring current in Solar Inverters. * **EV Infrastructure:** DC Fast Charging stations. * **Precision Power Supplies:** Feedback loops for lab-grade power equipment. * **Variable Frequency Drives (VFD):** Motor control and protection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Fluxgate technology and Hall Effect sensors in the DWB3-R?
    • ⤷ What is the specific sensitivity (V/A) of the DWB3-R-300A model?
    • ⤷ How should I design the protection circuit for the analog output of this sensor?