Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E-10-R

  • AI
    The term **E-10-R** generally refers to a specific type of **Miniature Edison Screw (MES)** lamp holder or a specific series of industrial relay/breaker components, depending on the manufacturer (such as E-T-A or general lighting standards). Below is a breakdown of the electronic parts and specifications typically associated with the E-10-R designation. --- ### 1. E-10-R Lighting Components (Lamp Holders) In the context of lighting and basic electronics, "E10" refers to a screw-base diameter of 10mm. The "R" often signifies a "Rear-mount" or "Rectangular" base configuration. | Component | Description | Common Specifications | | :--- | :--- | :--- | | **Base Type** | Miniature Edison Screw (MES) | 10mm diameter thread | | **Contact Material** | Brass or Nickel-plated Steel | Ensures high conductivity and corrosion resistance | | **Insulator** | Phenolic resin or Ceramic | Prevents short circuits between the center contact and shell | | **Terminal Type** | Solder Lugs or Screw Terminals | Used to attach 22-18 AWG wiring | ### 2. E-T-A E-10-R (Electronic Circuit Breaker/Relay) If you are referring to industrial automation (specifically brands like E-T-A), the E-10-R is part of a modular system for DC 24V protection. #### Key Electronic Parts: * **Active Current Limiting Unit:** Limits the peak current during a short circuit to protect sensitive PLC outputs. * **Control Input (Signal):** Allows for remote resetting or switching of the load. * **Status Indicator (LED):** A multi-color LED (Green/Amber/Red) that indicates "Power OK," "Overload," or "Disconnected." * **Transistor Switch:** Unlike thermal breakers, these use power MOSFETs for fast, arc-free switching. --- ### 3. Technical Specifications Comparison | Feature | Miniature Lamp Holder (E10) | Electronic Protection (E-10-R) | | :--- | :--- | :--- | | **Voltage Range** | 1.5V - 24V AC/DC | 18V - 32V DC | | **Max Current** | ~2 Amps | Up to 10 Amps | | **Mounting** | Panel or Chassis mount | DIN Rail or Socket mount | | **Primary Use** | Indicator lights, Flashlights | Circuit protection, Automation | --- ### Summary of Internal Logic In electronic protection versions of the E-10-R, the device operates using a **physical isolation mechanism** combined with **electronic monitoring**. If the current exceeds the rated threshold (e.g., 5A), the internal logic shuts down the output within milliseconds to prevent damage to the power supply.
    ✨ Follow-up Questions
    • ⤷ Are you referring to the E10 lamp holder or the E-T-A electronic circuit protector?
    • ⤷ What is the specific voltage requirement for your E-10-R application?
    • ⤷ Do you need a wiring diagram for a specific E-10-R component?