Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E-2121-R

  • AI
    The **E-2121-R** typically refers to a specific model of an **Industrial Ethernet-to-RS-232/422/485 Serial Device Server** (often associated with brands like Atop Technologies or specialized industrial PC components). These devices are designed to bridge legacy serial communication with modern Ethernet networks. --- ### 1. Key Electronic Components & Specifications The internal circuitry of the E-2121-R is built for industrial-grade reliability. Below is a breakdown of the primary electronic sections: | Component Type | Description | Purpose | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit RISC processor | Manages data packet encapsulation and protocol conversion. | | **Ethernet Controller** | 10/100 Mbps PHY | Handles the TCP/IP stack and physical network connection. | | **Serial Transceiver** | Multi-standard (RS-232/422/485) | Converts logic signals to industrial voltage levels. | | **Isolation Barrier** | Optical or Magnetic Isolation | Protects the CPU from high-voltage surges on serial lines. | | **Power Regulator** | Wide-input DC-DC Converter | Usually supports 9V to 48V DC input for industrial rails. | --- ### 2. Functional Electronic Features The "R" in the model number often signifies **Ruggedized** or **Rail-mount** specifications, indicating specific electronic protections: * **Electromagnetic Compatibility (EMC):** The board includes capacitors and ferrite beads to filter out industrial noise (EMI). * **Galvanic Isolation:** High-end versions of this model feature 2KV isolation to prevent ground loops from damaging connected equipment. * **Watchdog Timer:** A hardware circuit that automatically reboots the internal processor if the firmware freezes. * **ESD Protection:** Built-in protection (typically up to 15KV) for the serial ports to prevent damage from static discharge. --- ### 3. Pinout and Interface Logic The electronic interface usually follows standard industrial wiring. For the RS-485/422 modes, the device utilizes differential signaling to ensure data integrity over long distances (up to 1.2km). ```text Serial Port (DB9 Male) Typical Layout: 1: DCD / 485- / 422 TX- 2: RXD / 485+ / 422 TX+ 3: TXD / 422 RX+ 4: DTR / 422 RX- 5: GND (Signal Ground) ``` --- ### 4. Hardware Configuration The E-2121-R often includes physical electronic switches or internal jumpers: 1. **DIP Switches:** Used to select between RS-232, RS-422, or 2-wire/4-wire RS-485 modes without needing software changes. 2. **Termination Resistors:** Internal 120-ohm resistors that can be enabled to prevent signal reflection on long cable runs.
    ✨ Follow-up Questions
    • ⤷ What are the power requirements and voltage range for the E-2121-R?
    • ⤷ Does this model support Modbus Gateway functionality for industrial PLCs?
    • ⤷ How do I configure the DIP switches for RS-485 2-wire communication?