Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E3F2-R2C4

  • AI
    ## Overview of the E3F2-R2C4 Photoelectric Sensor The **E3F2-R2C4** is a cylindrical, M18-threaded photoelectric sensor commonly used in industrial automation. It operates on the **Retro-reflective** principle, meaning it requires a reflector to bounce the light beam back to the receiver within the same housing. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Type** | Retro-reflective | | **Sensing Distance** | 0.1 to 2.0 Meters (with specific reflector) | | **Housing Diameter** | M18 (18mm) | | **Output Type** | NPN (Negative-Positive-Negative) | | **Output Mode** | NO (Normally Open) / Light-ON | | **Supply Voltage** | 10 to 30 VDC | | **Current Consumption** | 30 mA maximum | | **Response Time** | 2.5 ms maximum | --- ### 2. Internal Electronic Components & Operation The E3F2-R2C4 consists of several critical electronic stages integrated into the M18 barrel: 1. **Emitter (Infrared LED):** Pulses a beam of light. Pulsing helps the sensor distinguish its own light from ambient light (like sunlight or overhead lamps). 2. **Receiver (Photodiode/Phototransistor):** Captures the light reflected back from the reflector. 3. **Signal Processor:** An internal IC that compares the received signal strength against a threshold. 4. **Output Transistor (NPN):** * Since it is **NPN**, the sensor acts as a "sink." When triggered, it connects the output load to the **negative (0V)** rail. * **Light-ON (C4 model):** The output is active when the receiver sees the light from the reflector (path is clear). --- ### 3. Wiring Configuration (Standard 3-Wire) The sensor typically uses a standard color-coded cable. Below is the wiring diagram logic: | Wire Color | Function | Connection | | :--- | :--- | :--- | | **Brown** | +VCC | Connect to +10-30V DC | | **Blue** | 0V / GND | Connect to Negative / Common | | **Black** | Output (Signal) | Connect to Load (PLC input or Relay) | **Note:** For NPN sensors, the load must be connected between the **Brown** wire (+VCC) and the **Black** wire (Output). --- ### 4. Critical Considerations * **Polarized Filters:** Many E3F2 models include polarizing filters to prevent "false triggers" from shiny objects (like a stainless steel can) that might mimic a reflector. * **Protection Circuits:** The device usually includes reverse polarity protection and output short-circuit protection to prevent damage during installation. * **Indicator LED:** A Red or Orange LED is usually visible at the rear of the sensor to indicate the output status (ON/OFF).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the E3F2 series?
    • ⤷ How do I choose the correct reflector for a 2-meter sensing range?
    • ⤷ Can this sensor be used to detect transparent glass objects?