Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E3S-R61

  • AI
    The **OMRON E3S-R61** is a high-performance, retro-reflective photoelectric sensor specifically designed to detect transparent objects (like glass or plastic bottles). Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The E3S-R61 is part of the E3S series, characterized by its metal housing and robust sensing capabilities. | Parameter | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | 100 mm to 1 m (using the E39-R1 reflector) | | **Power Supply Voltage** | 12 to 24 VDC ±10% (ripple 10% max) | | **Current Consumption** | 40 mA maximum | | **Control Output** | NPN and PNP dual output (Open Collector) | | **Response Time** | 1 ms maximum | | **Light Source** | Infrared LED (880 nm) | --- ### 2. Electronic Wiring and Interface The E3S-R61 typically features a 3-wire or 4-wire connection. It is unique because it often provides both NPN and PNP outputs, allowing for flexibility in PLC interfacing. #### **Wiring Color Codes** * **Brown:** Positive Power (+V / 12-24VDC) * **Blue:** Negative Power (0V / Common) * **Black:** Output (NPN / PNP) * **Pink/White:** Mode Selection (Light-ON / Dark-ON) ```python # Logic Representation of Detection If Light_Received == True: Output = "Off" (in Dark-ON mode) Output = "On" (in Light-ON mode) ``` --- ### 3. Internal Components and Features The sensor consists of several sophisticated electronic stages to ensure accuracy: * **Infrared Emitter & Receiver:** Uses a pulse-modulated infrared LED. The receiver is tuned to the specific frequency of the emitter to prevent interference from ambient room lighting. * **Sensitivity Adjuster:** A multi-turn potentiometer located on the body. This allows the user to fine-tune the threshold, which is critical for detecting thin glass or clear films. * **Stability Indicators:** * **Light Indicator (Red):** Lights up when the output is active. * **Stability Indicator (Green):** Lights up when the received light is sufficiently above or below the threshold, ensuring reliable operation despite dust or temperature shifts. * **Optical Filter:** Built-in polarizing filters to prevent "specular reflections" (false triggers from shiny surfaces that aren't the reflector). --- ### 4. Output Circuit Diagram (Typical) The internal output circuit is protected against reverse polarity and short circuits. | Output Type | Behavior | | :--- | :--- | | **NPN** | Switches the load to the Negative rail (Sink) | | **PNP** | Switches the load to the Positive rail (Source) | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E3S-R61 and the E3S-R11 models?
    • ⤷ How do you adjust the sensitivity for detecting ultra-thin plastic films?
    • ⤷ Can the E3S-R61 be used in wash-down environments with high moisture?