Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E3ZM-R61

  • AI
    ## E3ZM-R61: Electronic Specifications and Components The **E3ZM-R61** is a high-performance, compact photoelectric sensor manufactured by Omron. It is specifically designed for the food and beverage industry, featuring a robust stainless steel housing and specialized optical capabilities. ### 1. Core Technical Specifications The following table summarizes the primary electronic and operational characteristics of the E3ZM-R61: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Retro-reflective with MSR (Mirror Surface Rejection) | | **Sensing Distance** | 100 mm to 4 m (with E39-R1S reflector) | | **Power Supply Voltage** | 10 to 30 VDC (including 10% ripple p-p) | | **Current Consumption** | 30 mA maximum | | **Output Type** | NPN Open Collector | | **Control Output** | Max 100 mA at 30 VDC | | **Response Time** | 1 ms (Operation and Reset) | | **Light Source** | Red LED (660 nm) | --- ### 2. Electronic Component Breakdown The E3ZM-R61 consists of several integrated electronic subsystems that allow it to function in harsh environments: #### A. Optical System (MSR Function) * **Emitter:** A high-intensity Red LED. * **Receiver:** A photodiode matched to the emitter's wavelength. * **MSR Circuitry:** The sensor incorporates polarizing filters. This electronic "logic" allows the sensor to distinguish between light reflected from the dedicated reflector and light reflected from a shiny object (like a stainless steel can), preventing false triggers. #### B. Output Circuitry (NPN) The sensor uses an **NPN Open Collector** configuration. * In this setup, the sensor acts as a switch to the negative rail (0V). * It supports **Light-ON / Dark-ON** selectable modes via the wiring configuration (typically by connecting the pink wire to either +V or 0V). #### C. Protection Circuits The internal electronics are shielded by several safety features: 1. **Reverse Polarity Protection:** Prevents damage if the power supply wires are swapped. 2. **Output Short-Circuit Protection:** Protects the NPN transistor if the load is shorted. 3. **Mutual Interference Prevention:** Allows two sensors to be mounted close together without their light beams triggering each other (integrated timing logic). --- ### 3. Wiring Diagram Structure The E3ZM-R61 typically uses a 4-wire pre-wired cable or an M8 connector. ```json { "Brown": "Power Supply (+V: 10 to 30 VDC)", "Blue": "Power Supply (0V / Ground)", "Black": "Output (NPN Collector)", "Pink": "Mode Selection (L-ON/D-ON)" } ``` --- ### 4. Environmental Durability From an electronic packaging standpoint, the E3ZM-R61 is unique because its internal electronics are sealed to **IP67, IP68, and IP69K** standards. The SUS316L stainless steel housing protects the internal PCB from high-pressure steam cleaning and detergents (acidic/alkaline), which are common in food processing environments.
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP outputs in Omron sensors?
    • ⤷ How do I wire the E3ZM-R61 for Dark-ON operation?
    • ⤷ Which reflector models are compatible with the E3ZM-R61 for maximum range?