Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E5C2-R40K

  • AI
    ### E5C2-R40K Electronic Controller Overview The **E5C2-R40K** is a compact, analog-setting temperature controller manufactured by Omron. It is widely used in industrial applications due to its simplicity, DIN-rail mounting capability, and reliability. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | K-type Thermocouple (NiCr-Ni) | | **Control Mode** | ON/OFF Control | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Output Type** | Relay Output (SPDT) | | **Contact Rating** | 3A at 250 VAC | | **Temperature Range** | Typically 0°C to 400°C (varies by specific sub-model) | | **Mounting** | 8-pin round socket (DIN rail or panel) | --- ### Key Internal and External Electronic Components #### 1. The Potentiometer (Analog Dial) Unlike digital controllers, the E5C2 uses a **variable resistor (potentiometer)** connected to a physical dial. When you turn the knob, you change the resistance in the reference circuit, which sets the target temperature (Setpoint). #### 2. Signal Conditioning Circuit Since K-type thermocouples produce very small millivolt (mV) signals, the internal circuitry includes: * **Cold Junction Compensation:** Adjusts for the temperature at the controller terminals to ensure accuracy. * **Amplifier:** Boosts the weak thermocouple signal to a level the comparator can process. #### 3. Comparator / IC Logic The heart of the E5C2 is an integrated circuit that acts as a **comparator**. * It compares the voltage from the **Thermocouple** (current temp) against the voltage from the **Potentiometer** (target temp). * If the Current Temp < Target Temp, it triggers the output relay. #### 4. Electromagnetic Relay The output stage is a mechanical relay. * **NO (Normally Open):** Closes to provide power to a heater. * **NC (Normally Closed):** Opens when the setpoint is reached. * **Durability:** Rated for approximately 100,000 electrical operations at full load. --- ### Terminal Configuration (8-Pin Base) To wire the device correctly, the following pinout is standard for the E5C2 series: ```text Pin 1 & 8: Power Supply (100-240 VAC) Pin 4 & 5: Relay Output (Common and NO) Pin 7 (+): Thermocouple Positive (K-type) Pin 6 (-): Thermocouple Negative (K-type) ``` --- ### Advantages and Limitations * **Pros:** Very easy to operate without programming menus; highly resistant to electrical noise; inexpensive. * **Cons:** Less precise than PID controllers; no digital display for current temperature; mechanical relay wear.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the temperature offset on an E5C2?
    • ⤷ What is the difference between the R40K and the R20K models?
    • ⤷ Can I use a PT100 sensor with this specific model?