Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E5CS-R2TU-W

  • AI
    The **E5CS-R2TU-W** is a digital temperature controller from Omron’s E5CS series. It is designed for simple "on/off" or "proportional" (P) control in industrial applications. Below is a breakdown of its electronic components, specifications, and wiring characteristics. --- ### 1. Technical Specifications The model name "E5CS-R2TU-W" provides specific details about its electronic hardware: | Feature | Specification | | :--- | :--- | | **Control Output** | **Relay Output (R):** SPST-NO, 250 VAC, 3 A (resistive load) | | **Alarm Outputs** | **2 Alarms (2):** Two independent relay alarm outputs | | **Input Type** | **Thermocouple/RTU (TU):** Multi-input (K, J, L, Pt100, JPt100) | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Case Color** | **White (W):** Light gray/white housing | | **Size** | 1/16 DIN (48 x 48 mm) | --- ### 2. Key Electronic Parts & Functions #### A. Input Section (Sensor Interface) The unit features a universal input circuit that can be configured via internal DIP switches or front-panel settings. It handles: * **Thermocouples:** K (Chromel/Alumel), J (Iron/Constantan), or L. * **Platinum Resistance Thermometers (RTD):** Pt100 or JPt100. * **A/D Converter:** Converts the analog millivolt (TC) or resistance (RTD) signal into a digital value for the microprocessor. #### B. Control & Processing * **Microprocessor:** Executes the control logic. While the E5CS is a "simple" controller, it uses digital sampling to determine if the measured temperature is above or below the Set Point (SP). * **Control Modes:** Supports ON/OFF control (with a fixed hysteresis) or P (Proportional) control to reduce overshoot. #### C. Output Section (Actuation) * **Main Relay:** An internal mechanical relay rated for 3 Amps. This is used to trigger external contactors or small heaters. * **Alarm Relays:** Two auxiliary relays used for safety alerts (e.g., High-limit or Low-limit alarms). #### D. Display and Interface * **3.5 Digit LED:** A bright red 7-segment display shows the Process Value (PV). * **Status Indicators:** LEDs indicating "OUT" (control output status), "ALM1", and "ALM2". --- ### 3. Connection Diagram Overview The wiring is typically handled through a 11-pin circular socket or rear terminals. ```text Terminals (General Representation): 1-2: Power Supply (100-240VAC) 3-5: Control Output (Relay - Normally Open) 6-8: Alarm 1 / Alarm 2 Outputs 9-11: Input Terminals (Thermocouple or RTD) ``` --- ### 4. Precautions for Electronic Integrity * **Noise Filtering:** To protect the internal electronics from electromagnetic interference (EMI), ensure high-voltage power lines are kept separate from the sensor input wires. * **Relay Life:** Since this model uses a mechanical relay, its lifespan is finite (typically 100,000 operations). If high-frequency switching is required, an SSR (Solid State Relay) output model would be better. ---
    ✨ Follow-up Questions
    • ⤷How do I change the input type between Thermocouple and Pt100 on this model?
    • ⤷ What is the difference between the R2TU and the Q2TU models?
    • ⤷ Can I use this controller for a DC 24V power supply?