Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E70-R

  • AI
    The **E70-R** is primarily known as a sub-assembly or component used in wireless communication modules (often part of the Ebyte E70 series) or as a specific electronic relay/rectifier component depending on the manufacturer. Given the context of "electronic parts," this usually refers to the **CC1310-based wireless transceiver modules**. Below is a breakdown of the electronic components and technical specifications associated with the E70 series. --- ## 1. Core Architecture The E70-R modules are typically built around the **Texas Instruments (TI) CC1310** System-on-Chip (SoC). | Component | Description | | :--- | :--- | | **Main MCU** | ARM® Cortex®-M3 (Processor for application logic) | | **Sensor Controller** | Ultra-low power ARM® Cortex®-M0 (Handles sensors while the main CPU sleeps) | | **Radio Chip** | Integrated Sub-1GHz RF Transceiver | | **Flash Memory** | Typically 128KB (internal to the CC1310) | | **RAM** | 20KB Ultra-low leakage SRAM | --- ## 2. RF (Radio Frequency) Components To facilitate long-range communication, the E70-R includes several discrete RF components on the PCB: * **Crystal Oscillators:** High-precision 24MHz and 32.768kHz crystals to ensure frequency stability and low-power timing. * **Impedance Matching Circuit:** A network of inductors and capacitors (L-C network) tuned to 433MHz or 868/915MHz to ensure maximum power transfer to the antenna. * **Antenna Interface:** Usually features an **IPEX (U.FL) connector** or a **stamp hole (castellated hole)** for PCB antenna integration. * **Low Pass Filter (LPF):** Integrated to suppress harmonics and meet regulatory standards (FCC/CE). --- ## 3. Peripheral Interfaces The "R" variant or sub-type usually defines the pinout configuration. Key electronic interfaces include: 1. **UART:** For serial communication with a host microcontroller (AT commands). 2. **GPIOs:** General Purpose Input/Output pins for triggering external events. 3. **ADC Channels:** 12-bit Analog-to-Digital converters for reading sensor data directly. 4. **I2C/SPI:** Standard bus protocols for connecting peripherals like OLEDs or external sensors. --- ## 4. Power Management The module is designed for battery-operated devices: * **Operating Voltage:** Typically **2.2V to 3.8V DC**. * **Sleep Current:** Often as low as **0.6μA** (with RTC running). * **TX/RX Current:** Low current consumption during active transmission (~15-30mA depending on power output). --- ## 5. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Frequency Band** | 433MHz / 868MHz / 915MHz | | **Modulation** | GFSK, OOK, ASK, Long Range Mode (LRM) | | **Transmit Power** | Up to 14dBm or 20dBm (model dependent) | | **Sensitivity** | -110 dBm to -121 dBm | | **Distance** | 1500m to 5000m (Line of sight) | --- ### Application Summary These parts are used to build **IoT Gateways**, **Smart Agriculture sensors**, and **Industrial Remote Controls** where low power consumption and long-range reliability are more important than high data throughput.
    ✨ Follow-up Questions
    • ⤷What is the difference between the CC1310 and CC1352 versions of the E70 series?
    • ⤷ How do I interface an E70-R module with an Arduino via UART?
    • ⤷ What is the maximum data rate supported by the E70-R wireless module?