Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • E7M2M22-R

  • AI
    Based on the part number provided, the **E7M2M22-R** typically refers to a specialized **M.2 (NGFF) to M.2 Adapter/Extension card**, often used in industrial computing or storage testing environments. These devices are designed to extend the physical reach of an M.2 slot or convert specific key types. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Interface** | PCIe (usually Gen 3 or Gen 4 compatible) | | **Keying** | Typically M-Key or B+M Key | | **Dimensions** | Standard 22mm width; Lengths vary (2230/2242/2260/2280) | | **Termination** | Gold-plated fingers for high-speed signal integrity | --- ### 2. Major Electronic Components An adapter of this type generally consists of the following internal electronic elements: #### A. Passive Signal Retimers/Conditioners Because M.2 interfaces carry high-speed PCIe signals, these boards often include small surface-mount (SMD) capacitors to filter DC noise and maintain signal integrity over the extended distance of the PCB traces. #### B. Multi-Layer PCB (Printed Circuit Board) * **Impedance Control:** The traces are precision-etched to match 85-100 ohm differential impedance required by PCIe standards. * **Shielding:** Usually a 4-layer or 6-layer board to prevent Electromagnetic Interference (EMI) between data lanes. #### C. Power Regulation (Optional) Some models include a small **LDO (Low Dropout Regulator)** or power FETs to manage the 3.3V rail supplied to the connected M.2 device, ensuring stable voltage levels during high-load operations. --- ### 3. Common Use Cases 1. **Engineering Testing:** Used by developers to plug and unplug M.2 modules frequently without wearing out the expensive motherboard socket. 2. **Space Constraints:** Allowing an M.2 drive to be mounted in a different orientation or location within a compact chassis. 3. **Signal Analysis:** Providing a physical point to attach logic analyzer probes to monitor PCIe data traffic. --- ### 4. Safety and Compatibility * **Voltage:** Ensure the host provides a stable 3.3V. * **Thermal:** Using an extension can sometimes impede airflow; check if additional heat-syncing is required for the "R" (Right-angle or Remote) variants.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the E7M2M22-R part?
    • ⤷ Does this adapter support NVMe or SATA protocols?
    • ⤷ What are the physical dimensions of this specific extension card?