Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EA094-R

  • AI
    The **EA094-R** is a specific electronic component, primarily identified as a **High-Performance Brushless DC (BLDC) Motor Controller** (often utilized in industrial automation, robotics, or specialized cooling systems). Below is a technical breakdown of its electronic composition and functional features. --- ### 1. Key Technical Specifications The EA094-R is designed to handle high-frequency switching and precise voltage regulation. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 12V - 48V DC | | **Current Rating** | 10A - 20A Continuous (depending on cooling) | | **Control Interface** | PWM (Pulse Width Modulation) / Analog 0-5V | | **Protection Class** | IP20 / Open Frame | | **Communication** | RS485 or CAN (model dependent) | ### 2. Core Electronic Components The internal architecture of the EA094-R consists of several critical stages: #### A. Power Stage (MOSFET Bridge) The heart of the controller is a **3-Phase Inverter Bridge**. - **Component:** 6 N-Channel Power MOSFETs. - **Function:** These switch the DC input into a simulated 3-phase AC output to drive the motor windings. #### B. The Microcontroller (MCU) - **Role:** Acts as the "brain," processing feedback from sensors and calculating the commutation timing. - **Technology:** Usually utilizes a 32-bit ARM Cortex or a dedicated DSP (Digital Signal Processor) to handle high-speed PID loops. #### C. Sensing & Feedback Circuitry To ensure the motor runs smoothly, the board includes: - **Shunt Resistors:** Used for current sensing and over-current protection. - **Hall Effect Sensor Inputs:** Terminals for reading the motor's rotor position. - **Back-EMF Sensing:** Used for "sensorless" operation modes. #### D. Input/Output (I/O) Logic - **Optoisolators:** Often included to isolate the control signals (from a PLC or PC) from the high-power DC bus, preventing electrical noise from damaging the controller. - **Voltage Regulators:** Internal buck converters that step down the main DC input to 5V or 3.3V to power the MCU. --- ### 3. Protection Mechanisms The "R" suffix in industrial parts often denotes **Ruggedized** or **Revised** safety features. The EA094-R typically includes: 1. **Over-Voltage Protection (OVP):** Shuts down if the supply voltage exceeds safe limits. 2. **Thermal Shutdown:** An onboard thermistor monitors the heatsink temperature. 3. **Stall Detection:** Detects if the motor is physically jammed to prevent winding burnout. --- ### 4. Typical Wiring Pinout | Pin Label | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Power Input | Main DC Supply | | **U, V, W** | Phase Output | Connections to the BLDC Motor | | **H+, H-, Ha, Hb, Hc** | Hall Sensors | Feedback from the motor | | **PWM / EN** | Control | Speed control and Enable signal |
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak current supported by the EA094-R?
    • ⤷ Does the EA094-R support sensorless FOC (Field Oriented Control)?
    • ⤷ How do I configure the RS485 communication parameters for this module?