Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EASY-NT-R

  • AI
    The **EASY-NT-R** is an electronic communication module designed for the ComAp InteliDrive and InteliGen controller families. It serves as a gateway to enable remote monitoring and networking capabilities for industrial engines and power generation systems. --- ### 1. Key Electronic Specifications The module is built with industrial-grade components to withstand harsh environments (vibrations, heat, and electromagnetic interference). | Component/Feature | Specification | | :--- | :--- | | **Power Supply** | 8 – 36 V DC | | **Power Consumption** | Max 2.0 W | | **Operating Temperature** | -30°C to +70°C | | **Interface 1** | RS485 (Isolated) | | **Interface 2** | Ethernet (10/100 MB) | | **Mounting** | DIN Rail (35mm) | --- ### 2. Core Hardware Functions The electronic architecture of the EASY-NT-R focuses on signal conversion and protocol bridging: * **Ethernet Port (RJ45):** This is the primary "Electronic Gateway." It allows the controller to connect to a Local Area Network (LAN) or the Internet using the **Modbus TCP** or **SNMP** protocols. * **RS485 Isolation:** The RS485 port is electronically isolated to protect the internal circuitry from high-voltage surges or ground loops often found in industrial generator sets. * **Status LEDs:** The unit contains SMD (Surface Mount Device) LEDs that provide visual diagnostics: * **Power LED:** Indicates active DC supply. * **Status/Error LED:** Flashes based on internal processor health. * **Link/Activity LEDs:** Indicate data transmission over the Ethernet port. --- ### 3. Electronic Connectivity & Logic The EASY-NT-R acts as a bridge between two different electronic communication layers: 1. **Local Side (RS485):** It communicates with the ComAp controller (like an InteliLite or InteliGen) using a proprietary serial protocol. 2. **Remote Side (TCP/IP):** It converts that serial data into packets that can be read by a PC software (e.g., LiteEdit or InteliMonitor) or sent to a cloud server like WebSupervisor. --- ### 4. Technical Installation Diagram To integrate the EASY-NT-R electronically, the wiring follows this basic logic: ```mermaid graph LR A[Power Source 24V] -->|DC Supply| B(EASY-NT-R) C[ComAp Controller] <-->|RS485 Pair| B B <-->|Ethernet Cable| D[Network Router/Switch] ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the IP address for an EASY-NT-R module?
    • ⤷ What is the difference between EASY-NT-R and IB-Lite?
    • ⤷ Can the EASY-NT-R send automatic email alarms?