Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EB-RJF-PLUG-1

  • AI
    The **EB-RJF-PLUG-1** is a specific electronic component accessory designed for industrial Ethernet connectivity. It is primarily used to provide a ruggedized housing for standard RJ45 connectors, ensuring they can withstand harsh environmental conditions. ### 1. General Overview The EB-RJF-PLUG-1 is part of the **RJField series**, which allows for the conversion of a standard RJ45 cordset into a ruggedized connection without the need for specialized tools or cabling. --- ### 2. Technical Specifications | Feature | Details | | :--- | :--- | | **Connector Type** | RJ45 Plug Housing (Ruggedized) | | **Material** | Aluminum Shell with Olive Drab Cadmium Plating | | **Ingress Protection** | IP68 (Waterproof/Dustproof when mated) | | **Coupling Mechanism** | Reverse Bayonet (Quick-locking) | | **Operating Temp** | -40°C to +85°C | | **Compatibility** | Standard Cat5e, Cat6, or Cat6A RJ45 cables | --- ### 3. Key Electronic & Mechanical Components The "part" itself is a kit consisting of several sub-components that work together to protect the electronic signal: 1. **Outer Shell:** A metallic housing (usually aluminum) that provides EMI/RFI shielding, protecting the internal data signals from electromagnetic interference. 2. **Internal Gasket/Insert:** Provides the mechanical grip on the RJ45 cable and ensures the IP68 seal. 3. **Bayonet Ring:** A locking mechanism that ensures the plug remains connected even under high vibration or mechanical shock. 4. **Compression Nut:** Located at the back of the plug to provide strain relief for the Ethernet cable, preventing wire fatigue at the termination point. --- ### 4. Applications Because of its durability, this part is commonly found in: * **Industrial Automation:** Connecting PLCs and sensors on factory floors. * **Robotics:** Providing data links in environments with high movement and vibration. * **Military/Aerospace:** Used in communication systems where standard plastic RJ45 clips would fail. * **Oil & Gas:** Reliable networking in outdoor or chemically harsh environments. --- ### 5. Assembly Code Example (Simulation) While the EB-RJF-PLUG-1 is a mechanical housing, it is used to connect hardware that communicates via protocols. If you were testing the connectivity of a device using this plug via a microcontroller, you might use a simple link-state check: ```python import network import time def check_ethernet_status(): # Initialize the ethernet interface (example for an ESP32/W5500 setup) nic = network.LAN() nic.active(True) while not nic.isconnected(): print("Checking physical connection through RJF-PLUG...") time.sleep(1) print("Connection Established!") print("IP Address:", nic.ifconfig()[0]) check_ethernet_status() ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between olive drab cadmium and nickel plating for this part?
    • ⤷ Does this housing support Cat7 or Cat8 shielded cables?
    • ⤷ Is a special crimping tool required to install the RJ45 inside this shell?