Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EB412R10

  • AI
    The **EB412R10** typically refers to a high-performance **Electromagnetic Relay** or a specialized **Isolator/Breaker component** used in industrial automation and power distribution. Below is a detailed breakdown of its electronic characteristics and internal components. --- ## 1. Core Component Specifications The EB412R10 is designed for switching loads in control circuits. Its nomenclature usually indicates specific electrical ratings: | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Relay | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Configuration** | 2 Form C (DPDT) or 4 Form C (4PDT) | | **Current Rating** | Generally rated up to 10 Amps (indicated by the "10" suffix) | | **Mounting Type** | Plug-in or PCB Mount | --- ## 2. Electronic Parts & Construction The device consists of several critical sub-components that work together to facilitate electrical switching: ### A. The Electromagnetic Coil * **Material:** Fine copper wire wound around a core. * **Function:** When current flows through this coil, it creates a magnetic field that pulls the armature. ### B. Contact System * **Material:** Usually Silver Tin Oxide (AgSnO2) or Silver Nickel (AgNi). * **Purpose:** These materials are chosen for their high conductivity and resistance to "arc welding" (contacts sticking together) during high-current switching. ### C. The Armature & Spring * **Armature:** A moving iron part that responds to the magnetic field. * **Return Spring:** Ensures the contacts return to their "Normal" state (NC/NO) once the power to the coil is removed. ### D. Arc Shield/Housing * **Material:** High-temperature resistant plastic (Polycarbonate or PBT). * **Function:** Prevents electrical arcing from damaging surrounding components and provides insulation. --- ## 3. Typical Applications The EB412R10 is commonly found in the following electronic environments: * **PLC Interface Modules:** Acting as a buffer between low-power logic and high-power motors. * **HVAC Systems:** Controlling fans and compressors. * **Safety Interlocks:** Ensuring a circuit is physically broken for maintenance or emergency stops. --- ## 4. Connection Diagram (General) ```text [Coil Terminals] ----( Power Supply/Logic ) [Common (COM)] ----( Incoming Power ) [Normally Open] ----( Load/Device ) [Normally Closed]----( Status Indicator/Backup ) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout dimensions for the EB412R10?
    • ⤷ Can the EB412R10 be used with AC coil voltages?
    • ⤷ What is the maximum switching frequency for this relay type?